Electronic Components Datasheet Search
  English  ▼

X  

501 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # 501
Description  NI/CU POLYESTER TAFFETA FABRIC-OVER-FOAM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

501 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  501 Datasheet HTML 1Page - Laird Tech Smart Technology 501 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Innovative Technology
for a Connected World
EMI-DS-FOF-501 0712
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of
Laird Technologies materials rests with the end user. Laird Technologies makes no warranties as to the fitness, merchantability, suitability or non-infringement of any Laird Technologies materials or products for
any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and
Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2012 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies
Logo, and other marks are trade marks or registered trade marks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein
provides a license under any Laird Technologies or any third party intellectual property rights.
ORDERING INFORMATION
PART NUMBER EXAMPLE
PRESSURE SENSITIVE ADHESIVE (PSA TAPE) OPTIONS
COMPOSITION OF PRODUCT
W
Conductive fabric
Polyurethane foam
PSA tape (option)
H
Item
Unit
Value
Test Method
Shielding Effectiveness
at 100 MHz
108
SAE-ARP-1705(Mod.)
at 1 GHz
dB
110
(W10 mm x H8 mm)
Surface Resistivity
Ω/□
< 0.07
ASTM F390
Compression Set
%
< 20
ASTM D3574
Operation Temperature
°C
-40 ~ 70
-
Hazardous Substance
Compliant with RoHS (Directive 2002/95/EC)
Compliant with SONY ss-00259
Halogen-free (based on IEC-61249-2-21)
Antimony-free
Shelf Life
12 months at 23°C/ 60% R.H.
Name
Type
Thickness (mm) Peel strength on stainless steel
(JIS Z 0237)
Z-axis Resistance
LT-301
Conductive PSA
0.09
> 1.3 kgf/25 mm
< 0.05 Ω
LT-350
PSA
0.12
> 2 kgf/25 mm
-
*OtherPSAcanbeprovided.ContactLairdTechnologiesengineering.
501 EMI Gaskets
Fabric-over-Foam
Digits:
1
2
3
4
5
6
7
8
9
10
11
12
13
14
4
2
1
6
A
A
-
-
0
1
4
0
0
Profile S hape & Details
Product
Name
Part L ength
5
0
1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com