Electronic Components Datasheet Search
  English  ▼

X  

ADA4853-3YRUZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4853-3YRUZ-R7
Description  Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4853-3YRUZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4853-3YRUZ-R7 Datasheet HTML 11Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 12Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 13Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 14Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 15Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 16Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 17Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 18Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
ADA4853-1/ADA4853-2/ADA4853-3
6
5
4
2
3
1
0
3
2
1
0
–1
0
1
2
3
4
5
6
7
8
9
10
TIME (µs)
POWER DOWN
G = +2
VS = 5V
fIN = 100kHz
VOUT
ADA4853-1/
ADA4853-2
VOUT
ADA4853-3
Figure 47. Enable/Disable Time
–40
–100
100k
200M
FREQUENCY (Hz)
1M
10M
100M
–50
–60
–70
–80
–90
VS = 5V
G = +2
RL = 150Ω
VOUT = 2V p-p
VOUT1 TO VOUT2
ADA4853-2
VOUT2 TO VOUT1
ADA4853-2
ADA4853-3
ALL HOSTILE
Figure 48. Crosstalk vs. Frequency
0
–100
0.1
200
FREQUENCY (MHz)
1
10
100
–20
–40
–60
–80
VS = 5V
RL = 150Ω
VIN = 1V p-p
G = +2
Figure 49. Input-to-Output Isolation, Chip Disabled
Rev. G | Page 15 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com