Electronic Components Datasheet Search
  English  ▼

X  

ALTERNATE-SLOT Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # ALTERNATE-SLOT
Description  Alternate Slot Series Fingerstock Gaskets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

ALTERNATE-SLOT Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  ALTERNATE-SLOT Datasheet HTML 1Page - Laird Tech Smart Technology ALTERNATE-SLOT Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Innovative Technology
for a Connected World
DIMENSIONS
All dimensions shown are in inches (millimeters) unless otherwise specified.
Laird Technologies alternating slot/cut design is designed for use in a wide
variety of slotted applications, such as front panel handles, plug-in units,
subrack assemblies, chassis covers and backplanes.
The alternating slot / cut design serves to enhance the gasket strength,
while providing enough flexibility to allow the part to be folded in half with
no resultant finger damage. This is especially significant in during installation
or repair.
Available in a wide variety of plating finishes to meet galvanic compatibility
requirements.
Available in UltraSoft™, low compression series (-078).
TOP VIEW
RIGHT VIEW
0.191
(4.851)
H
0.050
(1.270)
R. 0.050
(1.270)
52.5°
27.0°
0.026
(0.660)
2X 0.053
(1.346)
0.190
(4.826)
0.0025
(0.063)
0.012
(0.305)
0.085 REF.
(2.159)
0.065
(1.651)
TOP VIEW
16.000 (406.400) Length
14.568 (370.027) Length
0.374 (9.500)
Pitch
0.320
(8.128)
0.218 TYP
(5.537)
0.018 (0.457) Slot
Dimples on 1.500 (38.100) Centers
Randomly Located
Approximate number of fingers is 64.
Pitch 0.250 (6.350)
Slot 0.018 (0.457)
77-077
77-098
Laird Technologies offers a unique product designed to shield the front panels
of IEEE standard 1101.10 card cages, commonly referred to as Dot-10, called
the Compact PCI gasket.
This front panel shielding has been designed to shield between the front
panels on sub racks and plug-in units. This is a beryllium copper solid top
symmetrical slotted fingerstock strip pre-plated in sulfamate nickel. It is
designed to mount on the “T” shape on a front panel extrusion (see below).
Specially designed for wiping applications, this configuration allows total
symmetrical compression action with bi-directional engagement.
Standard size shown is based on the 9.5" (241.300) length per the Dot-10 standard.
Other lengths and plating finishes are available for your specific application.
RIGHT VIEW
2X 0.085
(2.159)
R 0.110
(2.794)
R 0.020
(0.508)
0.110
(2.794)
All dimensions shown are in inches (millimeters) unless otherwise specified.
Laird Technologies alternating slot/cut design is designed for use in a wide
variety of slotted applications, such as front panel handles, plug-in units,
subrack assemblies, chassis covers and backplanes.
The alternating slot / cut design serves to enhance the gasket strength,
while providing enough flexibility to allow the part to be folded in half with
no resultant finger damage. This is especially significant in during installation
or repair.
Available in a wide variety of plating finishes to meet galvanic compatibility
requirements.
Available in UltraSoft™, low compression series (-078).
TOP VIEW
RIGHT VIEW
0.191
(4.851)
H
0.050
(1.270)
R. 0.050
(1.270)
52.5°
27.0°
0.026
(0.660)
2X 0.053
(1.346)
0.190
(4.826)
0.0025
(0.063)
0.012
(0.305)
0.085 REF.
(2.159)
0.065
(1.651)
TOP VIEW
16.000 (406.400) Length
14.568 (370.027) Length
0.374 (9.500)
Pitch
0.320
(8.128)
0.218 TYP
(5.537)
0.018 (0.457) Slot
Dimples on 1.500 (38.100) Centers
Randomly Located
Approximate number of fingers is 64.
Pitch 0.250 (6.350)
Slot 0.018 (0.457)
77-077
77-098
Laird Technologies offers a unique product designed to shield the front panels
of IEEE standard 1101.10 card cages, commonly referred to as Dot-10, called
the Compact PCI gasket.
This front panel shielding has been designed to shield between the front
panels on sub racks and plug-in units. This is a beryllium copper solid top
symmetrical slotted fingerstock strip pre-plated in sulfamate nickel. It is
designed to mount on the “T” shape on a front panel extrusion (see below).
Specially designed for wiping applications, this configuration allows total
symmetrical compression action with bi-directional engagement.
Standard size shown is based on the 9.5" (241.300) length per the Dot-10 standard.
Other lengths and plating finishes are available for your specific application.
RIGHT VIEW
2X 0.085
(2.159)
R 0.110
(2.794)
R 0.020
(0.508)
0.110
(2.794)
EMI-DS-FINGERSTOCK-ALT SLOT 1112
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of
Laird Technologies materials rests with the end user. Laird Technologies makes no warranties as to the fitness, merchantability, suitability or non-infringement of any Laird Technologies materials or products for
any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and
Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2011 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies
Logo, and other marks are trade marks or registered trade marks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein
provides a license under any Laird Technologies or any third party intellectual property rights.
Alternate Slot Series
Fingerstock Gaskets



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com