Electronic Components Datasheet Search
  English  ▼

X  

BL620-SC Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # BL620-SC
Description  Central Mode BLE Module Featuring smartBASIC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BL620-SC Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  BL620-SC Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
Embedded Wireless Solutions Support
Center: www.lairdtech.com/wireless
http://ews-support.lairdtech.com
© Copyright 2016 Laird. All Rights Reserved
Version
Date
1.0
11 Nov 2014
1.1
02 Dec 2014
Version
Date
1.2
06 Jan 2015
1.3
01 Aug 2016
Central Mode BLE Module Featuring smartBASIC
BL620 Series Datasheet
Note:
For complete hardware integration information, refer to the BL600 Datasheet.
The BL620 uses hardware identical to the BL600.
The BL620 module is designed to enable OEMs to add single-mode Bluetooth Low Energy (BLE) to small, portable, power-
conscious devices. The BL620 is enabled with Laird’s smartBASIC, an event-driven programming language that enables
OEMs to make their BLE product development quicker and simpler, significantly reducing time to market. smartBASIC
enables customers to develop a complete embedded application inside the compact BL620 hardware, connecting to a
wide array of external sensors via its I2C, SPI, UART, ADC or GPIO interfaces.
This document should be read in conjunction with the smartBASIC Core and Extensions user guides.
IMPORTANT!
THE BL620 USES THE IDENTICAL HARDWARE AS THE BL600 but it has a new firmware that supports Central mode connectivity.
For more detailed BL620 hardware and functionality information, refer to one of the following BL600 hardware documents
available from the BL600 or BL620 product pages’ Documentation tab.
BL600 Datasheet (Hardware Integration Guide) - Version 2.1 and later
User Guide - BL600-DVK (Board Revision 4 or Below) - Version 2.4 and later
User Guide - BL600-DVK (Board Revision 5) - Version 1.0 and later
For BL620 firmware abilities, quick start guides and application notes, see the BL620 product page or the Laird support
site:
Product Page: http://www.lairdtech.com/products/bl620
Laird Support Site:
–
BL620: https://ews-support.lairdtech.com/?b_id=5402
–
BL620-US: https://ews-support.lairdtech.com/?b_id=5405
Note:
The BL620 module supports a JTAG upgrade but has no capability to upgrade via UART currently.
BL620 REGULATORY INFORMATION
Because it uses the same hardware as the BL600 series, all regulatory certifications for the BL620 (including FCC, IC, and
CE) fall under the BL600’s certifications. The only exception to this is the BL620-US.
Model
US/FCC
CANADA/IC
BL620-SA
PI4BL600
1931B-BL600
BL620-SC
PI4BL600
1931B-BL600
BL620-ST
PI4BL600T
1931B-BL600T
BL620-US
SQG-BL620US
3147A-BL620US
Design Name
Owner
Declaration ID
Link to listing on the SIG website
BL620
Laird
D023117
https://www.bluetooth.org/tpg/QLI_viewQDL.cfm?qid=23117
ORDERING INFORMATION
BL620-SA-0x
Single Mode BLE Module featuring smartBASIC (internal antenna)
BL620-SC-0x
Single Mode BLE Module featuring smartBASIC (IPEX MHF4 antenna connector)
BL620-ST-0x
Single Mode BLE Module featuring smartBASIC (trace pin)
BL620-US-0x
Packaged BL620 USB Dongle
DVK-BL600-SA/
ST/SC-0x
Development kit for each BL620 series module
**Use standard DVK-BL600 and upgrade the firmware. Note that the BL620 module supports a JTAG upgrade
but has no capability to upgrade via UART.
Note:
The BL620 does not currently have MIC approvals.


Similar Part No. - BL620-SC

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL6203GITLX BELLING-BL6203GITLX Datasheet
251Kb / 17P
Fully differential amplifier
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
Fully differential amplifier
More results

Similar Description - BL620-SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYBLE-014008-00 CYPRESS-CYBLE-014008-00 Datasheet
1Mb / 42P
EZ-BLE??PSoC짰 Module
CYBLE-214009-00 CYPRESS-CYBLE-214009-00 Datasheet
1Mb / 42P
EZ-BLE??PSoC짰 Module
logo
Microchip Technology
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
Bluetooth짰 Low Energy (BLE) Module
07/14/15
logo
Laird Tech Smart Techno...
BL600-SA LSTD-BL600-SA Datasheet
2Mb / 50P
Single Mode Bluetooth Low Energy (BLE) Module
BT900-US LSTD-BT900-US Datasheet
904Kb / 18P
Intelligent USB BT/BLE Dongle Featuring smartBASIC
logo
Holtek Semiconductor In...
BCM-7602-G01 HOLTEK-BCM-7602-G01 Datasheet
1Mb / 4P
BLE Transparent Transmission Module
logo
ATMEL Corporation
ATBTLC1000-MR110CA ATMEL-ATBTLC1000-MR110CA Datasheet
578Kb / 26P
BLE Module
ATSAMB11-MR210CA ATMEL-ATSAMB11-MR210CA Datasheet
755Kb / 26P
Ultra Low Power BLE 4.1 Module
logo
List of Unclassifed Man...
HM-10 ETC1-HM-10 Datasheet
332Kb / 14P
Bluetooth 4.0 BLE module
logo
EnOcean GmbH.
PTM535BZ ENOCEAN-PTM535BZ Datasheet
161Kb / 1P
Transmitter module for BLE and Zigbee
May 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com