Electronic Components Datasheet Search
  English  ▼

X  

FPH Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # FPH
Description  Foam-in-place
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

FPH Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  FPH Datasheet HTML 1Page - Laird Tech Smart Technology FPH Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Eccostock®FPH
High Temperature Foam-in-Place Liquid
HIGH TEMPERATURE FOAM-IN-PLACE LIQUID
Eccostock FPH is a two part closed cell foam-in-place resin system. It is a rigid, high temperature
polyurethane (isocyanate). Once cured, Eccostock FPH will withstand continuous exposure up to 135°C
(275°F) and up to 163°C (325°F) for short periods remaining rigid.
FEATURES AND BENEFITS
• Maintains rigid characteristics at high service
temperatures
• Foam-in-place
MARKETS
• Commercial Telecom
• Security and Defense
SPECIFICATIONS
TYPICAL PROPERTIES
ECCOSTOCK FPH
Bulk Density lbs/ft
3 (g/cc)
2 (0.03)
8 (0.13)
14 (0.22)
Dielectric Constant (1 MHz)
1.04
1.12
1.25
Dissipation Factor (1 MHz)
0.001
0.002
0.005
Dielectric Strength, volts/mil
40
40
40
Compressive Strength, psi (kg/cm²)
30 (2.1)
250 (17.6)
600 (42.3)
Flexural Strength at 5% strain, psi (kg/cm²)
25 (1.8)
225 (15.8)
800 (56.0)
Flexural Modulus, psi (kg/cm2)
500 (35.2)
7,000 (493)
20,000 (1408)
Tensile Strength, psi (kg/cm2)
40 (2.8)
200 (14.1)
450 (31.7)
Shear Strength, psi (kg/cm²)
35 (2.5)
140 (9.9)
300 (21.1)
Coefficient of Thermal Expansion per °C
25 x 10
-6
40 x 10
-6
50 x 10
-6
Water Absorption, % of gain in 24 hours
3
1.5
1
Data for design engineer guidance only. Observed performance varies in application.
Engineers are reminded to test the material in application.
APPLICATIONS
• As Eccostock FPH maintains its rigid characteristics at high service temperatures, it is suitable for
structural applications.
• Its foam-in-place characteristic makes it an excellent choice for encapsulation applications.
• Encapsulation of electronic modules, antennas, rockets, satellites and missiles.
• Encapsulation of coiled waveguide delay line to provide rigidity
• Vibration and sound deadener when applied to interior surfaces of an instrument cabin.
• Encapsulation of crystal ovens for temperature stability.
• Staking material for high Q coils.
AVAILABILITY
Americas: +1.866.928.8181
Europe: +49.(0)8031.2460.0
Asia: +86.755.2714.1166
www.lairdtech.com
Size I
Size II
Size III
FPH Resin
1.3 Lbs.
5.2 Lbs.
45.4 Lbs.
Catalyst (12-2H)
0.9 Lbs.
3.4 Lbs.
29.5 Lbs.
Catalyst (12-4H)
1.0 Lbs.
3.9 Lbs.
34.1 Lbs.
Catalyst (12-6H)
1.0 Lbs.
3.9 Lbs.
34.1 Lbs.
Catalyst (12-10H)
1.1 Lbs.
4.4 Lbs.
38.6 Lbs.
Kit Availability


Similar Part No. - FPH

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
FPH SHIELD-FPH Datasheet
294Kb / 2P
MAGNETIC SWITCHES
logo
ISOCOM COMPONENTS
FPH1 ISOCOM-FPH1 Datasheet
316Kb / 6P
Computer terminals
FPH1 ISOCOM-FPH1 Datasheet
337Kb / 1P
Computer terminals
logo
Major League Electronic...
FPH5-1 MAJOR-LEAGUE-FPH5-1 Datasheet
91Kb / 2P
.0197cl Dual Row - Right Angle Surface Mount Board to Board Plug
FPH5-2 MAJOR-LEAGUE-FPH5-2 Datasheet
107Kb / 2P
.0197cl Dual Row - Straight Surface Mount Board to Board Plug
More results

Similar Description - FPH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PAN1322 PANASONIC-PAN1322 Datasheet
321Kb / 2P
All-In-One, Place and Play Bluetooth Module
logo
List of Unclassifed Man...
12350 ETC2-12350 Datasheet
271Kb / 2P
STATFREE FOAM, CONDUCTIVE
logo
Laird Tech Smart Techno...
SNL70-HXP LSTD-SNL70-HXP Datasheet
1Mb / 2P
Form-In-Place
SNN60-RXP LSTD-SNN60-RXP Datasheet
1Mb / 2P
SNN60-RXP Form-In-Place
SNC70-HXP LSTD-SNC70-HXP Datasheet
364Kb / 1P
Form-In-Place
SNC70-HXP-AD LSTD-SNC70-HXP-AD Datasheet
252Kb / 1P
SNC70-HXP-AD FORM-IN-PLACE DESCRIPTION
SNN65-HXP LSTD-SNN65-HXP Datasheet
430Kb / 1P
Form-In-Place
CF500 LSTD-CF500 Datasheet
320Kb / 2P
EcoFoamTM Conductive Foam
logo
3M Electronics
4100 3M-4100 Datasheet
31Kb / 8P
Single-Coated Foam Tapes
logo
Heyco.
1970 HEYCO-1970 Datasheet
94Kb / 1P
Heyco® Foam Washers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com