Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3131 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ZSSC3131
Description  Sensor Signal Conditioner for Cost- Optimized Switch Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3131 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ZSSC3131 Datasheet HTML 4Page - Integrated Device Technology ZSSC3131 Datasheet HTML 5Page - Integrated Device Technology ZSSC3131 Datasheet HTML 6Page - Integrated Device Technology ZSSC3131 Datasheet HTML 7Page - Integrated Device Technology ZSSC3131 Datasheet HTML 8Page - Integrated Device Technology ZSSC3131 Datasheet HTML 9Page - Integrated Device Technology ZSSC3131 Datasheet HTML 10Page - Integrated Device Technology ZSSC3131 Datasheet HTML 11Page - Integrated Device Technology ZSSC3131 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ZSSC3131 Datasheet
© 2016 Integrated Device Technology, Inc.
8
January 25, 2016
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.6.6
Ratiometricity error
RE
Maximum error for
VDDE=5V to 4.5/5.5V
1000
ppm
1.3.6.7
Overall failure
Deviation from ideal line
including INL, gain, offset
and temperature errors.
No sensor-caused effects.
Failure for digital readout
shown in parenthesis.
FOVERALL_TQI
fOSC
≤3MHz, rADC=13bit,
temperature range TAMB_TQI
0.25
(0.1)
% FS
FOVERALL_TQA fOSC
≤3MHz, rADC=13bit,
temperature range TAMB_TQA
0.5
(0.25)
% FS
FOVERALL_TQE fOSC
≤3MHz, rADC=13bit,
temperature range TAMB_TQE
1.0
(0.5)
% FS
1)
No measurement in mass production; parameter is guaranteed by design and/or quality observation.
2)
Minimum output voltage to VDDE or maximum output voltage to VSSE.
3)
Depends on resolution and configuration. Start routine begins approximately 0.8ms after power on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com