Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZSSC3122
Description  Low-Voltage Capacitive Sensor Signal Conditioner
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3122 Datasheet(HTML) 2 Page - Integrated Device Technology

  ZSSC3122 Datasheet HTML 1Page - Integrated Device Technology ZSSC3122 Datasheet HTML 2Page - Integrated Device Technology ZSSC3122 Datasheet HTML 3Page - Integrated Device Technology ZSSC3122 Datasheet HTML 4Page - Integrated Device Technology ZSSC3122 Datasheet HTML 5Page - Integrated Device Technology ZSSC3122 Datasheet HTML 6Page - Integrated Device Technology ZSSC3122 Datasheet HTML 7Page - Integrated Device Technology ZSSC3122 Datasheet HTML 8Page - Integrated Device Technology ZSSC3122 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
cLiteTM Low-Voltage Capacitive
Sensor Signal Conditioner
ZSSC3122
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 25, 2016
ZSSC3122
Block Diagram
Application: Analog Output
Application: Differential Capacitance Input
VSUPPLY
(+1.8V to 5.5V)
GND
0.1µF
VDD
Vcore
VSS
C0
CC
cLite™
ZSSC3122
0.1µF
Cap.
Analog
Output
LED
PDM_C
PDM_T
Alarm_High
Temp
Analog
Output
VSUPPLY
(+1.8V to 5.5V)
GND
0.1µF
VDD
Vcore
Ready
VSS
SDA/MISO
SCL/SCLK
C0
SS
Alarm_High
C1
Alarm_Low
cLite™
ZSSC3122
0.1µF
CC
Ordering Codes
Sales Code
Description
Package
ZSSC3122AA1BN
ZSSC3122 Die — Temperature range: -20°C to +125°C
Tested dice on un-sawn wafer, 370µm
ZSSC3122AI1BN
ZSSC3122 Die — Temperature range: -20°C to +85°C
Tested dice on un-sawn wafer, 370µm
ZSSC3122AI3BN
ZSSC3122 Die — Temperature range: -20°C to +85°C
Tested dice on un-sawn wafer, 725µm
ZSSC3122AA3BN
ZSSC3122 Die — Temperature range: -20°C to +125°C
Tested dice on un-sawn wafer, 725µm
ZSSC3122AA1CN
ZSSC3122 Die — Temperature range: -20°C to +125°C
Tested dice on frame, 370µm
ZSSC3122AI1CN
ZSSC3122 Die — Temperature range: -20°C to +85°C
Tested dice on frame, 370µm
ZSSC3122AA2*N
ZSSC3122 TSSOP14 — Temperature range: -20°C to +125°C – Lead-free package
Tube: substitute “T” for * in code
Reel: substitute “R” for * in code
ZSSC3122AI2*N
ZSSC3122 TSSOP14 — Temperature range: -20°C to +85°C – Lead-free package
Tube: substitute “T” for * in code
Reel: substitute “R” for * in code
ZSSC3122KIT
ZSSC3122 SSC Evaluation Kit: Communication Board, SSC Board, Sensor Replacement
Board, USB Cable, 5 IC Samples (software can be downloaded from www.IDT.com/ZSSC3122)
Kit
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.
ZSSC3122 cLite™ Low Voltage Capacitive Sensor Signal Conditioner
Digital Core
Analog Core
Sensor
C0
C1
(Optional)
Output
Communication
MUX
C0
CC
C1
VSS
VDD (1.8V to 5.5V)
Temp
Sensor
CLK/Reset
C/A
D
CDC
Ref
Cap
Offset
Cap
SCL/SCLK
SDA/MISO
Ready/PDM_C
Alarm_Low/PDM_T
SS
Alarm_High
Ready
PDM
I
2C / SPI
Low Alarm
High Alarm
EEPROM
ROM
DSP
0.1µF
0.1µF
Vcore



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com