Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3016 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ZSSC3016
Description  Low Power, High Resolution 16-Bit Sensor Signal Conditioner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3016 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ZSSC3016 Datasheet HTML 9Page - Integrated Device Technology ZSSC3016 Datasheet HTML 10Page - Integrated Device Technology ZSSC3016 Datasheet HTML 11Page - Integrated Device Technology ZSSC3016 Datasheet HTML 12Page - Integrated Device Technology ZSSC3016 Datasheet HTML 13Page - Integrated Device Technology ZSSC3016 Datasheet HTML 14Page - Integrated Device Technology ZSSC3016 Datasheet HTML 15Page - Integrated Device Technology ZSSC3016 Datasheet HTML 16Page - Integrated Device Technology ZSSC3016 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
ZSSC3016 Datasheet
© 2016 Integrated Device Technology, Inc.
13
January 25, 2016
3) One of the two following cases is valid.
a. If RatioOffset – A2D_offset
≤ 0 then calculate theoretical optimum gain:
Gainopt =(1 – A2D_offset) · Vref / Vmax
b. If RatioOffset – A2D_offset > 0 then calculate
theoretical optimum gain:
Gainopt = A2D_offset · Vref / |Vmin|
with:
Vref = Vrefp – Vrefn = 0.94·VDDB,min ~ 1.5V
4) Select the setup gain (Gainsetup) as the nearest gain to Gainopt, where Gainsetup
≤ Gain
opt.
2.3.2.
Analog-to-Digital Converter
A second-order charge-balancing analog-to-digital converter (ADC) is used to convert the amplifier signal. To
allow optimizing the trade-off between conversion time and resolution, the conversion is split into a MSB coarse
conversion and an LSB fine conversion. The MSB-LSB segmentation is programmable via the Msb and Lsb
settings in the BM_config register stored in the MTP memory (see section 2.4.2). The final ADC resolution is
determined by MSB+LSB-1. The conversion time is proportional to 2
MSB +2LSB. During the MSB coarse
conversion, the ADC input signal is sampled and integrated 2
MSB times, resulting in inherit low-pass behavior and
noise suppression. Possible settings are listed in Table 2.4.
Table 2.4
MSB/LSB Settings
Msb Setup Bits
in BM_config
Number of MSB Coarse
Conversion Bits
Lsb Setup Bits
in BM_config
Number of LSB Fine
Conversion Bits
00BIN
10
00BIN
0
01BIN
12
01BIN
3
10BIN
14
10BIN
5
11BIN
16
11BIN
7
Useful MSB/LSB setups are with LSB = 0 (MSB-only conversions) or combinations of MSB > LSB with
MSB + LSB
≤ 17. Resolutions beyond 16-bit mainly digitize the collected front-end noise and typically do not
improve the system performance. MSB/LSB segmentations with LSB > MSB are also not useful because typically
the resolution remains the same as with the inverse MSB/LSB segmentation, but the noise performance becomes
significantly worse yet the required conversion time stays the same. The ADC conversion times for different
MSB/LSB settings are listed in Table 2.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com