Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3122AI2N Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ZSSC3122AI2N
Description  Low-Voltage Capacitive Sensor Signal Conditioner
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3122AI2N Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ZSSC3122AI2N Datasheet HTML 17Page - Integrated Device Technology ZSSC3122AI2N Datasheet HTML 18Page - Integrated Device Technology ZSSC3122AI2N Datasheet HTML 19Page - Integrated Device Technology ZSSC3122AI2N Datasheet HTML 20Page - Integrated Device Technology ZSSC3122AI2N Datasheet HTML 21Page - Integrated Device Technology ZSSC3122AI2N Datasheet HTML 22Page - Integrated Device Technology ZSSC3122AI2N Datasheet HTML 23Page - Integrated Device Technology ZSSC3122AI2N Datasheet HTML 24Page - Integrated Device Technology ZSSC3122AI2N Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
ZSSC3122 Datasheet
© 2016 Integrated Device Technology, Inc.
21
January 25, 2016
Figure 3.1
General Operation
UPDATE MODE
(I
2C™, SPI, PDM, or Alarms)
SLEEP MODE
(I
2C™, SPI, or Alarms)
Command
Received
Command
Received
(I
2C/SPI
only)
No
Command Mode
(No measurement cycle.
Full command set is available.)
Yes
Start_NOM
No, after Command Window expires (3ms / 10ms)
Command = Start_CM?
MR
Measurement Request
DF
Data Fetch
Command
Received.
Command =
Start_NOM?
Execute
Command
Update Rate Period
Over or Command
Received?
Update
Period
Over
Yes
Perform Measurement
No
Fetch Data
Normal Operation Mode
Perform initial measurement.
Start_CM
Command
Received
Power Down
(Wait for command)
Command =
I
2C DF or
SPI DF?
Fetch Data
Command =
I
2C MR or
SPI MR?
No
Yes
Power Down
(Wait for command.)
No
Yes
Perform Measurement
Yes
Command =
I
2C DF or
SPI DF?
Update Digital Output
Register, PDMs, & Alarms
Power-On Reset
Update Digital Output
Register & Alarms
Power Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com