Electronic Components Datasheet Search
  English  ▼

X  

BT730-SC Datasheet(PDF) 13 Page - Laird Tech Smart Technology

Part # BT730-SC
Description  module from Laird Technologies is designed to add robust, long-range Bluetooth data connectivity to any device
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BT730-SC Datasheet(HTML) 13 Page - Laird Tech Smart Technology

Back Button BT730-SC Datasheet HTML 9Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 10Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 11Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 12Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 13Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 14Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 15Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 16Page - Laird Tech Smart Technology BT730-SC Datasheet HTML 17Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
BT730
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
13
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
3 IO CHARACTERISTICS
3.1
Power Consumption
The current drain from the VCC power input line is dependent on various factors. The three most significant
factors are the voltage level at VCC, UART baud rate, and the operating mode. The hardware specification for
the module allows for a voltage range of 3.3 to 5.0 at VCC. The unit includes a linear regulator and tests have
shown that there is no significant difference in current draw when VCC changes within the operating limits.
Tests have shown that where power dissipation is an issue, it is best to keep VCC at the lower end of the range.
The UART baud rate has a bearing on power dissipation because, as is normal for digital electronics, the power
requirements increase linearly with increasing clocking frequencies. Because of this, higher baud rates result in a
higher current drain. Finally, the significant operating modes are: idle, waiting for a connection, inquiring,
initiating a connection, sniff, and connected. With connected mode, it is also relevant to differentiate between
no data being transferred and when data is being transferred at the maximum rate possible. The AT command
set document describes how to configure the module for optimal power performance.
3.2
Typical Current Consumption in mA
Table 3-1: Current Consumption
VCC_IN = 3.8 V, Baudrate = 9600 bps
Separation Distance = 15 meters
Typical Average Current (mA)
Idle Mode, S512=1
1.25 mA
Wait for Connection Or Discoverable Mode,
AT+BTP
S508=S510=640, S509=S511=320
55 mA
Wait for Connection Or Discoverable Mode,
AT+BTP
S508=S510=1000, S509=S511=11
2.7 mA
Inquiry Mode, AT+BTI
65 mA
Connecting Mode (ATDxxx)
66 mA
Connected Mode (No Data Transfer)
6 mA
Connected Mode (Max Data Transfer)
35 mA
Sniff Mode
S564=1000, S563=500, S562=50, S561=10
1.8 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com