Electronic Components Datasheet Search
  English  ▼

X  

ML60.242 Datasheet(PDF) 6 Page - PULS GmbH

Part # ML60.242
Description  24V, 2.5A, SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML60.242 Datasheet(HTML) 6 Page - PULS GmbH

Back Button ML60.242 Datasheet HTML 2Page - PULS GmbH ML60.242 Datasheet HTML 3Page - PULS GmbH ML60.242 Datasheet HTML 4Page - PULS GmbH ML60.242 Datasheet HTML 5Page - PULS GmbH ML60.242 Datasheet HTML 6Page - PULS GmbH ML60.242 Datasheet HTML 7Page - PULS GmbH ML60.242 Datasheet HTML 8Page - PULS GmbH ML60.242 Datasheet HTML 9Page - PULS GmbH ML60.242 Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ML60.242
MiniLine-2
24V, 2.5A, SINGLE PHASE INPUT
5. OUTPUT
Output voltage
nom.
24V
Adjustment range
min.
24-28V
guaranteed
max.
30V *)
at clockwise end position of potentiometer *)
Factory setting
24.5V
±0.2%, at full load, cold unit
Line regulation
max.
10mV
85-264Vac
Load regulation
max.
100mV
static value, 0A
2.5A
Ripple and noise voltage
max.
50mVpp
20Hz to 20MHz, 50Ohm
Output capacitance
typ.
1 600μF
Output current
nom.
2.5A
at 24V, see Fig. 5-1
nom.
2.1A
at 28V, see Fig. 5-1
Output power
nom.
60W
Short-circuit current
min.
3.6A
load impedance 400mOhm, see Fig. 5-1
max.
6.2A
load impedance 400mOhm, see Fig. 5-1
*)
This is the maximum output voltage which can occur at the clockwise end position of the potentiometer due to tolerances. It is not
guaranteed value which can be achieved. The typical value is about 28.6V.
Fig. 5-1 Output voltage vs. output current,
typ.
Output Voltage
0
0
4
8
12
28V
16
20
24
6A
3
2
1
5
4
Adjustment
Range
Output Current
a) 100Vac
b) 120Vac
c) 230Vac
b
c
a
Peak current capability (up to several milliseconds)
The power supply can deliver a peak current which is higher than the specified short term current. This helps to start
current demanding loads or to safely operate subsequent circuit breakers.
The extra current is supplied by the output capacitors inside the power supply. During this event, the capacitors will be
discharged and causes a voltage dip on the output. Detailed curves can be found in chapter 22.1.
Peak current voltage dips
typ.
from 24V to 16V
at 5A for 50ms, resistive load
typ.
from 24V to 15V
at 12.5A for 2ms, resistive load
typ.
from 24V to 10.5V
at 12.5A for 5ms, resistive load
Nov. 2015 / Rev. 1.4 DS--ML60.242-EN
All parameters are specified at 24V, 2.5A, 230Vac 50Hz input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
6/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com