Electronic Components Datasheet Search
  English  ▼

X  

MF500F Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # MF500F
Description  HIGH TEMPERATURE MAGNETICALLY LOADED MACHINABLE STOCK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

MF500F Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  MF500F Datasheet HTML 1Page - Laird Tech Smart Technology MF500F Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Eccosorb®MF500F
High Temperature, Magnetically Loaded, Machinable Stock
Americas: +1.866.928.8181
Europe: +49.(0)8031.2460.0
Asia: +86.755.2714.1166
www.lairdtech.com
HIGH TEMPERATURE MAGNETICALLY LOADED MACHINABLE STOCK
Eccosorb MF500F is a rigid, completely solid, magnetically loaded, high temperature
absorber. Physical and electrical properties are the same as those of the corresponding
member of the Eccosorb MF series. Eccosorb MF500F can be used for short periods at
260°C(500°F) permitting use at high ambient and/or high power levels.
FEATURES AND BENEFITS
• Rigid and machinable
• High Temperature
MARKETS
• Commercial Telecom
• Security and Defense
SPECIFICATIONS
TYPICAL PROPERTIES
ECCOSORB MF500F
Frequency Range
>1 GHz
Short Time Service Temperature °C (°F)
<260 (<500)
Density g/cc
1.6 – 4.9
Hardness, Shore D
85
Tensile Strength (MPa)
55
Thermal Expansion per °C
~30 x 10
-6
Water Absorption, % 24 hours
<0.3
Thermal Conductivity W/mK
1.44
Data for design engineer guidance only. Observed performance varies in application.
Engineers are reminded to test the material in application.
APPLICATIONS
• Eccosorb MF500F is widely used as absorbers, attenuators, and terminations in
waveguides and coaxial lines.
• It has also been successfully used as a high-Q inductor-core material in such devices as
slug tuners. It is also useful in many other magnetic components.
AVAILABILITY
• Eccosorb MF500F is available in six standard loadings. In general, as the frequency of
operation increases, the MF500 loading series decreases.
MF500F-110
MF500F-114
MF500F-117
MF500F-112
MF500F-116
MF500F-124
• Eccosorb MF500F is available in the following standard stock sizes :
• Sheets 30.5 cm x 30.5 cm (12” x 12”) in thicknesses of 0.32, 0.64, 0.95, 1.27, 1.59, 1.91,
2.54, 3.81, 5.08, 6.35, 7.62 cm (1/8, 1/4, 3/8, 1/2, 5/8, 3/4, 1.0, 1.5, 2.0, 2.5 & 3.0”).
• Rods 30.5 cm long (12”) in diameters of 0.32, 0.64, 0.95, 1.27, 1.59, 1.91, 2.54, 3.81, 5.08,
6.35, 7.62 cm. (1/8, 1/4, 3/8, 1/2, 5/8, 3/4, 1.0, 1.5, 2.0, 2.5 & 3.0” )
• Bars 30.5 cm long (12”) in squares of 0.64, 0.95, 1.27, 1.59, 1.91, 2.54, 3.81, 5.08 cm (1/4,
3/8, 1/2, 5/8, 3/4, 1.0, 1.5 & 2.0”).
• Other sizes, shapes, thicknesses, and configurations are available on special order.
INSTRUCTIONS FOR USE
• Exposure to high temperatures should be limited. Slow changes in physical and electrical
properties occur at temperatures above about 177°C (350°F).


Similar Part No. - MF500F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF50 ETC2-MF50 Datasheet
228Kb / 5P
Metal Film Resistors
logo
Riedon Powertron
MF50 RIEDON-MF50 Datasheet
237Kb / 1P
Film Resistors
logo
Multicomp Pro
MF50 MULTICOMP-MF50 Datasheet
483Kb / 21P
Precision Metal Film Fixed Resistor Axial Leaded
05/09/19 V1.0
MF50 100K MULTICOMP-MF50 100K Datasheet
483Kb / 21P
Precision Metal Film Fixed Resistor Axial Leaded
05/09/19 V1.0
MF50 100K. MULTICOMP-MF50 100K. Datasheet
483Kb / 21P
Precision Metal Film Fixed Resistor Axial Leaded
05/09/19 V1.0
More results

Similar Description - MF500F

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
0412CDMC SUMIDA-0412CDMC Datasheet
126Kb / 3P
Magnetically shielded.
0415CDMC SUMIDA-0415CDMC Datasheet
116Kb / 2P
Magnetically shielded.
logo
List of Unclassifed Man...
SR9 ETC1-SR9 Datasheet
346Kb / 1P
COMPONEX mINI-mETERS - STOCK RANGE
logo
TOKO, Inc
MDT2520ACN TOKO-MDT2520ACN Datasheet
128Kb / 1P
Magnetically shielded
logo
Marl International Limi...
255-501-64-3812 MARL-255-501-64-3812_15 Datasheet
285Kb / 5P
Reduces stock and maintenance costs
logo
TOKO, Inc
MBH7045C TOKO-MBH7045C Datasheet
297Kb / 2P
Magnetically shielded
MBH10145C TOKO-MBH10145C Datasheet
245Kb / 1P
Magnetically shielded
MBH12282C TOKO-MBH12282C Datasheet
246Kb / 1P
Magnetically shielded
logo
Laird Tech Smart Techno...
MF-PP LSTD-MF-PP Datasheet
161Kb / 2P
Magnetically Loaded Thermoplastic Absorber
logo
All Sensors Corporation
A4CBJ-N ASC-A4CBJ-N Datasheet
7Mb / 1P
Locaf Stock and Delivery
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com