Electronic Components Datasheet Search
  English  ▼

X  

MAX7376CMTP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX7376CMTP
Description  Silicon Oscillator with Reset Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7376CMTP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX7376CMTP Datasheet HTML 1Page - Maxim Integrated Products MAX7376CMTP Datasheet HTML 2Page - Maxim Integrated Products MAX7376CMTP Datasheet HTML 3Page - Maxim Integrated Products MAX7376CMTP Datasheet HTML 4Page - Maxim Integrated Products MAX7376CMTP Datasheet HTML 5Page - Maxim Integrated Products MAX7376CMTP Datasheet HTML 6Page - Maxim Integrated Products MAX7376CMTP Datasheet HTML 7Page - Maxim Integrated Products MAX7376CMTP Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Silicon Oscillator with Reset Output
_______________________________________________________________________________________
3
Note 1: All parameters are tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: The frequency is determined by part number selection. See Table 3.
Note 3: Guaranteed by design. Not production tested.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.7V to 5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VCC = 5V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RST/RST OUTPUT
TA = +25°C
VTH -
2%
VTH +
2%
Reset Threshold
VTH+
VCC rising
TA = -40°C to +125°C
VTH -
5%
VTH +
5%
V
Reset Hysteresis
VTHYS
VHYST = {(VTH+) - ( VTH-)}/(VTH-) x 100%
2.0
%
POR Delay
VCC rising from 0V to (VTH + 200mV) in 1µs
100
µs
VCC = 4.5V, ISOURCE = 9mA
VCC - 0.4
Output High Voltage
VOH
VCC = 2.7V, ISOURCE = 2.5mA
VCC - 0.4
V
VCC = 4.5V, ISINK = 20mA
0.4
Output Low Voltage
VOL
VCC = 2.7V, ISINK = 10mA
0.4
V
Leakage Current
ILEAK
VCC = 5.5V, VRST = 5.5V, open drain
1
µA
45
47
46
49
53
54
52
51
48
50
55
-55
-5
20
45
70
-30
95
120
DUTY CYCLE
vs. TEMPERATURE
TEMPERATURE (°C)
CLOCK = 4MHz
45
47
46
49
53
54
52
51
48
50
55
4.3
4.6
4.9
5.2
5.5
DUTY CYCLE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
CLOCK = 4MHz
0.5
0.7
0.6
0.9
1.3
1.4
1.2
1.1
0.8
1.0
1.5
-55
-5
20
45
70
-30
95
120
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
CLOCK = 4MHz
Typical Operating Characteristics
(VCC = 5V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com