Electronic Components Datasheet Search
  English  ▼

X  

GS1084 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GS1084
Description  5A Low Dropout Positive Adjustable Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS1084 Datasheet(HTML) 2 Page - Vishay Siliconix

  GS1084 Datasheet HTML 1Page - Vishay Siliconix GS1084 Datasheet HTML 2Page - Vishay Siliconix GS1084 Datasheet HTML 3Page - Vishay Siliconix GS1084 Datasheet HTML 4Page - Vishay Siliconix GS1084 Datasheet HTML 5Page - Vishay Siliconix GS1084 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GS1084
Vishay
formerly General Semiconductor
www.vishay.com
Document Number 74800
2
26-Mar-02
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Vin Pin to ADJ/GND Pin
Vin
7
V
Thermal Resistance –
TO-220AB
3.0
Junction to Case
TO-252
R
θJC
8.0
°C/W
TO-263AB
3.0
Operating Junction Temperature Range
TJ
0 to +125
°C
Storage Temperature Range
Tstg
–65 to 150
°C
Electrical Characteristics(1) TJ = 25°C(2), VIN = 5V, Io = 10mA unless otherwise noted.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
TJ = 25°C
1.238
1.250
1.262
Reference Voltage
VREF
0°C
≤ TJ ≤ 125°C
1.225
1.250
1.275
V
2.65V
≤ VIN ≤ 7V
10mA
≤ Io ≤ 5A
GS1084-1.8
VIN = 5V
1.78
1.8
1.82
GS1084-2.5
VIN = 5V
2.47
2.5
2.53
Output Voltage
VOUT
GS1084-3.3
VIN = 7V
3.26
3.3
3.33
V
GS1084
0.98VN
VN
1.02VN
0°C
≤ TJ ≤ 125°C
2.65V
≤ VIN ≤ 7V
10mA
≤ Io ≤ 5A
2.65V
≤ VIN ≤ 7V
Line Regulation
REGline
TJ = 25°C
0.015
0.2
% VO
0°C
≤ TJ ≤ 125°C
0.035
0.2
10mA
≤ Io ≤ 5A
Load Regulation
REGload
TJ = 25°C
0.1
0.3
% VO
0°C
≤ TJ ≤ 125°C
0.2
0.4
0°C
≤ TJ ≤ 125°C
Dropout Voltage
VDROP
Io = 5A
1.3
1.4
V
Io = 3A
1.23
1.32
Io = 1A
1.15
1.25
Output Current
Io
0°C
≤ TJ ≤ 125°C
5.0
6.0
–
A
2.65
≤ Vin ≤ 7V
Adjust Pin Current
Iadj
10mA
≤ Io ≤ 5A
–
55
120
µA
0°C
≤ TJ ≤ 125°C
2.65
≤ Vin ≤ 7V
Adjust Pin Current Change
∆Iadj
10mA
≤ Io ≤ 5A
–
0.2
5
µA
0°C
≤ TJ ≤ 125°C
Temperature Stability
TS
Io = 0.5A, 0°C
≤ TJ ≤ 125°C
–
0.8
–
%VO
Min. Load Current Adjustable Version
ILMIN
0°C
≤ TJ ≤ 125°C
–
3
10
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com