Electronic Components Datasheet Search
  English  ▼

X  

MMI Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # MMI
Description  High frequency applications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

MMI Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  MMI Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Eccosorb® MMI
Thin Broadband Millimeter Wave Absorber
Americas: +1.866.928.8181
Europe: +49.(0)8031.2460.0
Asia: +86.755.2714.1166
www.lairdtech.com
RFP-DS-MMI 081815
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of Laird Technologies materials rests with the
end user. Laird Technologies makes no warranties as to the fitness, merchantability, suitability or non- infringement of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or
consequential damages of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird
Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be
the property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.
THIN BROADBAND MILLIMETER WAVE ABSORBER
Eccosorb MMI is a flexible absorber based on dielectric loss fillers. It gives excellent
performance between 40 – 100 GHz. Due to the chemical nature of the dielectric
pigmentation system, no oxidation is possible. As such, the product resists outdoor
conditions very well.
FEATURES AND BENEFITS
• Millimeter wave
• Flexible
• Thin
• High frequency applications
• Excellent outdoor exposure
MARKETS
• Automotive
• Commercial Telecom
• Medical
• Industrial
SPECIFICATIONS
TYPICAL PROPERTIES
ECCOSORB MMI
Weight (1mm thickness)
2.2 kg/m²
Water absorption
Impervious to water
Service Temperature°C(°F)
-55 to 165 (-67 to 329)
Frequency Range
≥ 6 GHz
Fire Retardancy
UL94 V-1
Data for design engineer guidance only. Observed performance varies in application.
Engineers are reminded to test the material in application.
APPLICATIONS
• Eccosorb MMI has been applied successfully in automotive applications for collision
avoidance and blind spot detection.
• 4G and 5G macro and microcell networks including backhaul and P2P
• Imaging/probing equipment that uses electromagnetic energy
AVAILABILITY
• Standard sheet size is 30 cm x 30 cm, thickness 0.5 or 1 mm.
Customized shapes and thicknesses can be supplied, as well as sheets with self-adhesive
backing (suffix –SA).
10
100
40
50
60
70
80
90
Frequency (GHz)
ECCOSORB MMI
0.5 mm
1 mm


Similar Part No. - MMI

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
MMI NEUTRIK-MMI Datasheet
6Mb / 24P
Circular Connectors
2019/07-V20
logo
Gamewell-FCI by Honeywe...
MMI-10F GAMEWELL-FCI-MMI-10F Datasheet
88Kb / 2P
Multi-mod 10 input module
MMI-6SF GAMEWELL-FCI-MMI-6SF Datasheet
107Kb / 2P
Multi-Mod 6 zone interface module
logo
Adam Technologies, Inc.
MMI-ES1G02PR-T ADAM-TECH-MMI-ES1G02PR-T Datasheet
243Kb / 2P
PUSHPULL ELBOW SOCKET, RIGHT ANGLE, SIZE 1, PCB MOUNT, THREADED BUSHING, IP5)
MMI-ES1G03PR-T ADAM-TECH-MMI-ES1G03PR-T Datasheet
243Kb / 2P
PUSHPULL ELBOW SOCKET, RIGHT ANGLE, SIZE 1, PCB MOUNT, THREADED BUSHING, IP5)
More results

Similar Description - MMI

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1256 SANYO-2SA1256 Datasheet
122Kb / 4P
High-Frequency Amp Applications
EC3H08B SANYO-EC3H08B Datasheet
27Kb / 2P
High-Frequency Amp Applications, Osc. Applications
logo
Toshiba Semiconductor
2SC2716 TOSHIBA-2SC2716 Datasheet
207Kb / 4P
HIGH FREQUENCY AMPLIFIER APPLICATIONS
28-Oct-1998
logo
Guangdong Kexin Industr...
2SA1483 KEXIN-2SA1483 Datasheet
363Kb / 3P
High Frequency Amplifier Applications
2SC3803 KEXIN-2SC3803 Datasheet
363Kb / 3P
High Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-V TOSHIBA-2SK711-V Datasheet
222Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK1875-V TOSHIBA-2SK1875-V Datasheet
256Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SA1483-Y TOSHIBA-2SA1483-Y Datasheet
171Kb / 4P
High Frequency Amplifier Applications
2SC4915-R TOSHIBA-2SC4915-R Datasheet
291Kb / 5P
High Frequency Amplifier Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com