Electronic Components Datasheet Search
  English  ▼

X  

ML60.122 Datasheet(PDF) 22 Page - PULS GmbH

Part # ML60.122
Description  12V, 4.5A, SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML60.122 Datasheet(HTML) 22 Page - PULS GmbH

Back Button ML60.122 Datasheet HTML 15Page - PULS GmbH ML60.122 Datasheet HTML 16Page - PULS GmbH ML60.122 Datasheet HTML 17Page - PULS GmbH ML60.122 Datasheet HTML 18Page - PULS GmbH ML60.122 Datasheet HTML 19Page - PULS GmbH ML60.122 Datasheet HTML 20Page - PULS GmbH ML60.122 Datasheet HTML 21Page - PULS GmbH ML60.122 Datasheet HTML 22Page - PULS GmbH ML60.122 Datasheet HTML 23Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
ML60.122
MiniLine-2
12V, 4.5A, SINGLE PHASE INPUT
22.12.USE AT LOW TEMPERATURES (-25°C / -40°C)
Please pay attention to the following aspects when operating the unit at low temperatures. Perform tests to verify
suitability in your application.
-
The ripple & noise voltage will increase. For the first minutes after turning on the unit at -40°C, the ripple an
noise voltage can be up to typically 400mVpp depending on load and input voltage. Once the unit heats up,
the ripple & noise voltage will decrease typically to 90mVpp.
-
The start-up delay can be up to 5 seconds. It is a continuous turn-on process without any voltage dips or start-
up attempts.
22.13.USE IN A TIGHTLY SEALED ENCLOSURE
When the power supply is installed in a tightly sealed enclosure, the temperature inside the enclosure will be higher
than outside. In such situations, the inside temperature defines the ambient temperature for the power supply.
The following measurement results can be used as a reference to estimate the temperature rise inside the enclosure.
The power supply is placed in the middle of the box; no other heat producing items are inside the box.
Enclosure:
Rittal Type IP66 Box PK 9510 100, plastic, 130x130x75mm
Input:
230Vac
Case A:
Load:
12V, 4.5A; load is placed outside the box
Temperature inside the box:
42.3°C (in the middle of the right side of the power supply with a distance of 1cm)
Temperature outside the box:
21.7°C
Temperature rise:
20.6K
Case B:
Load:
12V, 3.6A; (=80%) load is placed outside the box
Temperature inside the box:
40.6°C (in the middle of the right side of the power supply with a distance of 1cm)
Temperature outside the box:
21.9°C
Temperature rise:
18.7K
Nov. 2015 / Rev. 1.4 DS--ML60.122-EN
All parameters are specified at 12V, 4.5A, 230Vac 50Hz input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
22/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com