Electronic Components Datasheet Search
  English  ▼

X  

MLY02.100 Datasheet(PDF) 2 Page - PULS GmbH

Part # MLY02.100
Description  DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

MLY02.100 Datasheet(HTML) 2 Page - PULS GmbH

  MLY02.100 Datasheet HTML 1Page - PULS GmbH MLY02.100 Datasheet HTML 2Page - PULS GmbH MLY02.100 Datasheet HTML 3Page - PULS GmbH MLY02.100 Datasheet HTML 4Page - PULS GmbH MLY02.100 Datasheet HTML 5Page - PULS GmbH MLY02.100 Datasheet HTML 6Page - PULS GmbH MLY02.100 Datasheet HTML 7Page - PULS GmbH MLY02.100 Datasheet HTML 8Page - PULS GmbH MLY02.100 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MLY02.100
MiniLine
MLY-Series
DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
INDEX
Page
Page
1.
Intended Use .......................................................3
2.
Installation Requirements...................................3
3.
Input and Output Characteristics .......................4
4.
Power Losses........................................................5
5.
Lifetime Expectancy and MTBF...........................6
6.
Terminals and Wiring..........................................7
7.
Functional Diagram.............................................8
8.
Front Side and User Elements.............................8
9.
EMC......................................................................9
10. Environment ......................................................10
11. Protection Features ...........................................11
12. Safety Features ..................................................11
13. Approvals .......................................................... 12
14. Physical Dimensions and Weight ..................... 13
15. Accessories ........................................................ 13
16. Application Notes............................................. 14
16.1. Recommendations for Redundancy.........14
16.2. Inductive and Capacitive Loads................14
16.3. Example: 1+1 Redundancy .......................14
16.4. Example: N+1 Redundancy.......................15
16.5. Example: Battery Back-up ........................15
16.6. Mounting Orientations ............................16
The information presented in this document is believed to be accurate and reliable and may change without notice.
No part of this document may be reproduced or utilized in any form without permission in writing from the publisher.
TERMINOLOGY AND ABREVIATIONS
PE and
symbol
PE is the abbreviation for Protective Earth and has the same meaning as the symbol
.
Earth, Ground
This document uses the term “earth” which is the same as the U.S. term “ground”.
T.b.d.
To be defined, value or description will follow later.
DC 24V
A figure displayed with the AC or DC before the value represents a nominal voltage with
standard tolerances (usually ±15%) included.
E.g.: DC 12V describes a 12V battery disregarding whether it is full (13.7V) or flat (10V)
24Vdc
A figure with the unit (Vdc) at the end is a momentary figure without any additional
tolerances included.
may
A key word indicating flexibility of choice with no implied preference
shall
A key word indicating a mandatory requirement
should
A key word indicating flexibility of choice with a strongly preferred implementation
1+1 Redundancy
Use of two identical power supplies in parallel to provide continued operation following most
failures in a single power supply. The two
power supply outputs should be isolated
from each other by utilizing diodes or
other switching arrangements.
E.g. two 2.5A power supplies are needed to
achieve a 2.5A redundant system.
N+1 Redundancy
Use of three or more identical power
supplies in parallel to provide continued
operation following most failures in a
single power supply. All power supply
outputs should be isolated from each other
by utilizing diodes or other switching
arrangements. E.g.: To achieve a 10A redundant system, five 2.5A power supplies are needed in
a N+1 redundant system.
N+1
Redundancy
1+1
Redundancy
AC
DC
AC
DC
AC
DC
AC
DC
AC
DC
AC
DC
IN 1
OUT
IN 2
IN 1
OUT
IN 2
IN 1
OUT
IN 2
Load
-
AC
DC
AC
DC
Load
-
IN 1
OUT
IN 2
Apr. 2014 / Rev. 1.3 DS-MLY02.100-EN
All parameters are specified at 24V, 10A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
2/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com