Electronic Components Datasheet Search
  English  ▼

X  

HA1127FP Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HA1127FP
Description  5 Transistor Arrays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA1127FP Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HA1127FP Datasheet HTML 1Page - Hitachi Semiconductor HA1127FP Datasheet HTML 2Page - Hitachi Semiconductor HA1127FP Datasheet HTML 3Page - Hitachi Semiconductor HA1127FP Datasheet HTML 4Page - Hitachi Semiconductor HA1127FP Datasheet HTML 5Page - Hitachi Semiconductor HA1127FP Datasheet HTML 6Page - Hitachi Semiconductor HA1127FP Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HA1127, HA1127P, HA1127FP
505
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-base
breakdown voltage
V(BR)CBO
20
—
—
V
IC = 10 µA, IE = 0
Collector-emitter
breakdown voltage
V(BR)CEO
15
—
—
V
IC = 1 mA, RBE =
Collector-substrate
breakdown voltage
V(BR)CIO
20
—
—
V
IC = 10 µA, IE = 0, IB = 0
Emitter-base
breakdown voltage
V(BR)EBO
5
—
—
V
IE = 10 µA, IC = 0
Collector cutoff
ICBO
—
0.002 40
nA
VCB = 10 V, IE = 0
current
ICEO
—
—
0.5
µA
VCE = 10 V, RBE =
Collector-emitter
saturation voltage
VCE(sat)
—
0.17
—
V
IC = 10 mA, IB = 1 mA
Base-emitter
VBE
—
0.72
—
V
VCE = 3 V
IC = 1 mA
voltage
—
0.80
—
V
IC = 10 mA
DC current
hFE
40
140
—
VEE = 3 V
IC = 1 mA
amplification ratio
—
120
—
IC = 10 mA
Gain-bandwidth
product
fT
—
460
—
MHz
VCE = 3 V, IC = 3 mA
Collector output
capacitance
Cob
—
1.7
—
pF
VCB = 3 V, IE = 0, f = 1 MHz
Emitter input
capacitance
Cin
—
2.0
—
pF
VCB = 3 V, IE = 0, f = 1 MHz
Switching time
ton
—
35
—
ns
VCC = 10 V, IC = 10IB1 = –10IB2 = 10 mA
toff
—
130
—
ns
tstg
—
75
—
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com