Electronic Components Datasheet Search
  English  ▼

X  

SA24 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # SA24
Description  Type N female integrated connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SA24 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  SA24 Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
2400-2483 MHz VERTICALLY POLARIZED SECTOR ANTENNAS
The vertically polarized sector antenna systems offered by Laird are constructed of UV stable fiberglass radomes for
extremely long service life in the most demanding conditions.The antennas are constructed using corrosion resistant
metal elements and a unique air dielectric system which are more stable than PCB based antenna systems because
they don’t absorb moisture, which can degrade the performance of PCB based antenna systems. The 14 dB sectors
come with a stainless steel scissor bracket system for ease of installation and alignment.The 9 dBi sector comes with
a galvanized steel bracket with stainless steel hardware.
FEATURES
•
Vertically polarized
•
90°, 120° and 180° models with
gains from 9 dBi to 14 dBi
•
Type N female integrated connector
•
Extremely rugged for long service life in extreme environments
•
Weatherproof
VERTICALLY POLARIZED
SECTOR ANTENNAS
SA24
PARAMETER
SA24-90-9
SA24-120-9
SA24-180-14
Frequency range
2400 - 2485 MHz
2400 - 2485 MHz
2400 - 2485 MHz
Input return loss (S11)
-14 dB
-14 dB
-14 dB
VSWR
1.5:1
1.5:1
1.5:1
Impedance
50 ohm
50 ohm
50 ohm
Input power
100 W
100 W
100 W
Pole diameter (OD)
1 - 2 in (25-50 mm)
1 - 2 in (25-50 mm)
1 - 2 in (25-50 mm)
Operating temperature
-40 to +70°C
-40 to +70°C
-40 to +70°C
Gain
9.5 dBi
9 dBi
14 dBi
Horizontal beamwidth
90°
120°
180°
Vertical beamwidth
30°
30°
10°
Front-to-back
25 dB
25 dB
25 dB
Down tilt (mechanical)
45°
45°
10°
Weight (with bracket)
25 oz (0.7 kg)
25 oz (0.7 kg)
11 lbs (5 kg)
Dimensions (L x W x H)
10 x 6.5 x 2.5 in (254 x 165
x 63.5 mm)
10 x 6.5 x 2.5 in (254 x 165
x 63.5 mm)
40 x 10.25 x 7 in (1020 x 260
x 180 mm)
MARKETS
•
2.4 GHz ISM band applications
•
802.11b and 802.11g wireless systems
•
WiFi base station antennas
•
Point-to-multi-point systems
•
Wireless internet
•
WiMAX
ANT-DS-SA24_0115
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or
suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are sold
pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Inc. All Rights Reserved. Laird,
Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company thereof. Other product or service names may be the
property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
SYSTEM ORDERING
SA24-90-9
9 dBi 90° 2.4 GHz VPOL sector antenna
SA24-120-9
SA24-180-14
9 dBi 120° 2.4 GHz VPOL sector
antenna 14 dBi 180° 2.4 GHz VPOL
sector antenna
WIND LOADING
MODEL
SQ. IN 100 MPH 125 MPH
SA24-xx-9
65
16.3 lb
25.4 lb
SA24-180-9
400
100 lb
156 lb
100 MPH
1/2 IN RADIAL
ICE 17 lb
102 lb
SA24-90-9
SA24-120-9
SA24-180-14


Similar Part No. - SA24

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA24 PANJIT-SA24 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA24 WTE-SA24 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA24 BYTES-SA24 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA24 DCCOM-SA24 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA24 EIC-SA24 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA24

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
OD58-12 LSTD-OD58-12 Datasheet
959Kb / 1P
Type N female integrated bulkhead connector
ODH24-13 LSTD-ODH24-13 Datasheet
792Kb / 1P
Type N female integrated connector
ODH24-9-WB LSTD-ODH24-9-WB Datasheet
801Kb / 1P
Type N female integrated connector
OD24 LSTD-OD24 Datasheet
1Mb / 1P
Type N female integrated bulkhead connector
SA24WB LSTD-SA24WB Datasheet
1Mb / 1P
Type N female integrated connector
OD24-7D5 LSTD-OD24-7D5 Datasheet
1Mb / 1P
Type N female integrated bulkhead connector
SAH35 LSTD-SAH35 Datasheet
1Mb / 1P
Type N female integrated connector
SA49 LSTD-SA49 Datasheet
1Mb / 1P
Type N female integrated connector
SAH9-120-12 LSTD-SAH9-120-12 Datasheet
507Kb / 1P
Type N female integrated connector standard
SA58-WB LSTD-SA58-WB Datasheet
991Kb / 1P
Type N female integrated connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com