Electronic Components Datasheet Search
  English  ▼

X  

SP6 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # SP6
Description  Lightning protection for antenna systems
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SP6 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  SP6 Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SP6
COAXIAL SURGE PROTECTORS
ANT-DS-SP6_0115
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility
for the use and application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as
to the fitness, merchantability or suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or
consequential damages of any kind. All Laird products are sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will
be furnished upon request. © Copyright 2015 Laird Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trade marks or registered
trade marks of Laird Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license
under any Laird or any third party intellectual property rights.
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
COAXIAL SURGE PROTECTORS
DC to 6 GHz Operation
The SP6 surge protectors offered by Laird are an integral part of any antenna installation
involving the protection of sensitive equipment from surges caused by lightning. The ultra
fast discharge design gives quick response to power surges and dumps the excess power
safely to ground. Grounding is accomplished via a ground lug terminal or N bulkhead
connector. The units have the ability to withstand multiple lightning strikes. The SP6
passes DC voltage so it is also suitable for those systems which pass DC power through the
coax such as remote amplifiers. Construction is all plated brass to resist corrosion.
FEATURES
•
Ultra fast gas discharge < 1KV / usec
•
0.2 dB @ 2.4 GHz,
.4 dB @ 5 GHz max insertion loss
•
VSWR better than 1.4:1
•
Rugged, lightweight and waterproof
•
Bulkhead mount N female connector
PARAMETER
MIN
TYP
MAX
UNITS
Frequency Range
DC
2400
6000
MHz
Insertion Loss
.1
.2
.4
dB
VSWR
1.1 : 1
1.2 : 1
1.4 : 1
DC Breakdown Voltage
230
V
Impulse Breakdown
Voltage (1 KV/uS MAX)
700
V
Impulse Wave Discharge (5 times)
10000
A
Impedance
50
OHM
Insulation Resistance (100 V)
50
Meg Ohm
Imput Power
100
W
Operating Temperature
-40
+85
°C
Weight
4.5 (130)
oz (g)
Dimensions (incl connectors)
2.4 x 1.2 x 0.9 (60 x 31 x 23)
in (mm)
APPLICATIONS
•
Lightning protection for antenna systems
•
900 MHz, 2.4 GHz @ 5 GHz WLAN systems
•
WiMAX
SYSTEM ORDERING:
SP6-230-BFF DC to 6 GHz, bulkhead N female to N female, 230 V surge
protector SP6-230-BFM DC to 6 GHz, bulkhead N female to N male, 230 V
surge protector
NOTES:
•
All shipments F.O.B. Schaumburg, IL 60173


Similar Part No. - SP6

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
SP6 HUBBELL-SP6 Datasheet
392Kb / 1P
Category 6 Shielded Jack with Cobra-Loc Termination
logo
Schurter Inc.
SP6.3X32 SCHURTER-SP6.3X32 Datasheet
233Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
SP6.3X32 SCHURTER-SP6.3X32_18 Datasheet
233Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
logo
Amphenol Corporation
SP60 AMPHENOL-SP60 Datasheet
97Kb / 4P
Ultra-stable Probe Thermistors
SP60 AMPHENOL-SP60 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
More results

Similar Description - SP6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBTVSX-22XX STMICROELECTRONICS-LNBTVSX-22XX Datasheet
111Kb / 9P
Lightning protection for LNB power supply
29-Jan-2007
LNBTVSX-304 STMICROELECTRONICS-LNBTVSX-304 Datasheet
92Kb / 7P
Lightning protection for LNB power supply
01-Apr-2008
logo
Semtech Corporation
UCLAMP2804L SEMTECH-UCLAMP2804L Datasheet
282Kb / 8P
Lightning and ESD Protection for Gigabit Ethernet Interfaces
logo
Socay Electornics Co., ...
ULC33CP8 SOCAY-ULC33CP8 Datasheet
296Kb / 3P
Lightning & ESD Protection For Gigabit Ethernet Interface
logo
Semtech Corporation
UCLAMP2512T SEMTECH-UCLAMP2512T Datasheet
371Kb / 8P
Lightning and ESD Protection for Gigabit Ethernet Interfaces
logo
Shanghai Leiditech Elec...
ULC33CP8 LEIDITECH-ULC33CP8 Datasheet
935Kb / 5P
LIGHTNING AND ESD PROTECTION FOR GIGABIT ETHRNET INTERFACE
E100 LEIDITECH-E100 Datasheet
186Kb / 1P
Portable Ethernet lightning protection device
logo
PCTEL, Inc.
BMLPVDB700-2500 PCTEL-BMLPVDB700-2500 Datasheet
689Kb / 2P
ANTENNA SOLUTIONS FOR INTELLIGENT TRANSPORTATION SYSTEMS
July 2021
logo
Littelfuse
SP3384NUTG LITTELFUSE-SP3384NUTG Datasheet
520Kb / 5P
Lightning Surge Protection
2021 Littelfuse, Inc
SP4031 LITTELFUSE-SP4031 Datasheet
598Kb / 5P
Lightning Surge Protection - SP4031
2019 Littelfuse, Inc
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com