Electronic Components Datasheet Search
  English  ▼

X  

MAX3485AE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3485AE
Description  3.3V-Powered, 짹20kV ESD-Protected
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3485AE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3485AE Datasheet HTML 1Page - Maxim Integrated Products MAX3485AE Datasheet HTML 2Page - Maxim Integrated Products MAX3485AE Datasheet HTML 3Page - Maxim Integrated Products MAX3485AE Datasheet HTML 4Page - Maxim Integrated Products MAX3485AE Datasheet HTML 5Page - Maxim Integrated Products MAX3485AE Datasheet HTML 6Page - Maxim Integrated Products MAX3485AE Datasheet HTML 7Page - Maxim Integrated Products MAX3485AE Datasheet HTML 8Page - Maxim Integrated Products MAX3485AE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
(VoltagesreferencedtoGND.)
VCC .....................................................................-0.3Vto+4.0V
RO ............................................................ -0.3V to (VCC+0.3V)
RE, DE, DI............................................................-0.3Vto+3.6V
A, B, Y, Z ............................................................-9.0Vto+13.0V
Short-CircuitDuration(RO,A,B,Y,Z)toGND.........Continuous
Operating Temperature Range
MAX3483AE/85AE/88AE/90AE/91AE.......... -40°Cto+125°C
MAX3488AE/90AE ....................................... -40°Cto+105°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°Cto+150°C
ContinuousPowerDissipation(TA=+70°C)
8SO(derateat7.6mW/°Cabove+70°C)...................606mW
14SO(derateat11.9mW/°Cabove+70°C) ...............952mW
LeadTemperature(soldering,10s) .................................+300°C
Soldering Temperature (reflow)......................................+260°C
Junction-to-Case Thermal Resistance (θJC)
8-pin SO ......................................................................38°C/W
14-pin SO ....................................................................34°C/W
Junction-to-Ambient Thermal Resistance (θJA)
8-pin SO ....................................................................132°C/W
14-pin SO ....................................................................84°C/W
(Note 1)
(VCC=+3.0Vto+3.6V,TA = TMIN to TMAX, unless otherwise specified. Typical values are at VCC=+3.3VandTA=+25°C.)(Notes2,3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage
VCC
3.0
3.6
V
Supply Current
ICC
DE = VCC, RE=GND,noload
1.9
4
mA
DE = 0, RE = 0, no load, DI = 0 or VCC
1.2
4.0
Shutdown Supply Current
ISHDN
DE=GND,RE = VCCMAX3483AE/85AE/91AE
10
µA
DRIVER
Differential Driver Output
VOD
VCC = 3V, RL=100Ω,Figure1
2.0
V
VCC = 3V, RL=54Ω,Figure1
1.5
Change in Magnitude of Differential
Output Voltage
∆VOD
RL=54Ωor100Ω,Figure1(Note4)
-0.2
+0.2
V
Driver Common-Mode Output Voltage
VOC
RL=54Ωor100Ω,Figure1
VCC/2
3
V
Change in Magnitude of Common-
Mode Voltage
ΔVOC
RL=54Ωor100Ω,Figure1(Note4)
-0.2
+0.2
V
Single-Ended Driver Output High
VOH
A or B output, IA or B = -20mA
2.2
V
Single-EndedDriverOutputLow
VOL
A or B output, IA or B = 20mA
0.8
V
Driver Short-Circuit Output Current
IOSD
VOUT=-7V
-250
mA
VOUT=+12V
250
mA
Note 1: PackagethermalresistanceswereobtainedusingthemethoddescribedinJEDECspecificationJESD51-7,usingafour-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
Electrical Characteristics
MAX3483AE/MAX3485AE/
MAX3488AE/MAX3490AE/
MAX3491AE
+3.3V-Powered, ±20kV ESD-Protected,
20Mbps and Slew-Rate-Limited
RS-485/RS-422 Transceivers
www.maximintegrated.com
Maxim Integrated │ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com