Electronic Components Datasheet Search
  English  ▼

X  

LM9070 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM9070
Description  Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9070 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9070 Datasheet HTML 1Page - National Semiconductor (TI) LM9070 Datasheet HTML 2Page - National Semiconductor (TI) LM9070 Datasheet HTML 3Page - National Semiconductor (TI) LM9070 Datasheet HTML 4Page - National Semiconductor (TI) LM9070 Datasheet HTML 5Page - National Semiconductor (TI) LM9070 Datasheet HTML 6Page - National Semiconductor (TI) LM9070 Datasheet HTML 7Page - National Semiconductor (TI) LM9070 Datasheet HTML 8Page - National Semiconductor (TI) LM9070 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM9070
Low-Dropout System Voltage Regulator with Keep-Alive
ON/OFF Control
General Description
The LM9070 is a 5V, 3% accurate, 250 mA low-dropout volt-
age regulator. The regulator features an active low delayed
reset output flag which can be used to reset a microproces-
sor system on turn-ON and in the event that the regulator
output falls out of regulation for any reason. An external ca-
pacitor programs a delay time interval before the reset out-
put can return high.
Designed for automotive application the LM9070 contains a
variety of protection features such as reverse battery,
over-voltage shutdown, thermal shutdown, input transient
protection and a wide operating temperature range.
A unique two-input logic control scheme is used to enable or
disable the regulator output. An ON/OFF input can be pro-
vided by an ignition switch derived signal while a second,
Keep-Alive input, is generated by a system controller. This
allows for a system to remain ON after ignition has been
switched OFF. The system controller can then execute a
power-down routine and after which command the regulator
OFF to a low quiescent current state (60 µA max).
Design techniques have been employed to allow the regula-
tor to remain operational and not generate false reset signals
when subjected to high levels of RF energy (300V/m from
2 MHz to 400 MHz).
Features
n Automotive application reliability
n 3% output voltage tolerance
n Insensitive to radiated RFI
n Dropout voltage less than 800 mV with 250 mA output
current
n Externally programmed reset delay interval
n Keep-alive feature with 2 logic control inputs
n 60V Load dump transient protection
n Thermal shutdown
n Short circuit protection and disable safety features
n Reverse battery protection
n Low OFF quiescent current, 50 µA maximum
n Wide operating temperature range −40˚C to +125˚C
n TO-263 and 20-pin power surface mount packages
n Lead form compatible with TLE4267 TO-220 regulator
(package TA07D)
Connection Diagrams and Ordering Information (Top View)
7-Lead TO-263
Surface Mount Package
DS012831-1
Backside metal is internally connected to ground.
Order Number LM9070S
See NS Package Number TS7B
20-Pin SO Package
DS012831-2
Order Number LM9070M
See NS Package Number M20B
December 1999
© 1999 National Semiconductor Corporation
DS012831
www.national.com


Similar Part No. - LM9070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9070 TI1-LM9070 Datasheet
1Mb / 19P
Low-Dropout System Voltage Regulator
LM9070 TI2-LM9070 Datasheet
716Kb / 18P
LM9070 Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
REVISED APRIL 2013
LM9070S/NOPB TI1-LM9070S/NOPB Datasheet
1Mb / 19P
Low-Dropout System Voltage Regulator
LM9070SX/NOPB TI1-LM9070SX/NOPB Datasheet
1Mb / 19P
Low-Dropout System Voltage Regulator
LM9070SX/NOPB TI2-LM9070SX/NOPB Datasheet
716Kb / 18P
LM9070 Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
REVISED APRIL 2013
More results

Similar Description - LM9070

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
National Semiconductor ...
LM9074 NSC-LM9074 Datasheet
193Kb / 9P
System Voltage Regulator with Keep-Alive ON/OFF
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
1A Low Dropout Voltage Regulator With ON/OFF Control
logo
Texas Instruments
LM9074EP TI1-LM9074EP Datasheet
318Kb / 14P
Enhanced Plastic System Voltage Regulator with Keep-Alive ON/OFF Control
logo
New Japan Radio
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Texas Instruments
LM9074 TI1-LM9074 Datasheet
655Kb / 12P
System Voltage Regulator with Keep-Alive ON/OFF Control
logo
New Japan Radio
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com