Electronic Components Datasheet Search
  English  ▼

X  

BTM420 Datasheet(PDF) 11 Page - Laird Tech Smart Technology

Part # BTM420
Description  Changes and Revisions
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM420 Datasheet(HTML) 11 Page - Laird Tech Smart Technology

Back Button BTM420 Datasheet HTML 7Page - Laird Tech Smart Technology BTM420 Datasheet HTML 8Page - Laird Tech Smart Technology BTM420 Datasheet HTML 9Page - Laird Tech Smart Technology BTM420 Datasheet HTML 10Page - Laird Tech Smart Technology BTM420 Datasheet HTML 11Page - Laird Tech Smart Technology BTM420 Datasheet HTML 12Page - Laird Tech Smart Technology BTM420 Datasheet HTML 13Page - Laird Tech Smart Technology BTM420 Datasheet HTML 14Page - Laird Tech Smart Technology BTM420 Datasheet HTML 15Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
BTM420/421
Bluetooth
® Data Module Hardware Integration Guide
Embedded Wireless Solutions Support
Center: http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
11
Laird
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852-2268-6567 x026
4 EU DECLARATION OF CONFORMITY – BTM420 / BTM421
Manufacturer:
Laird
Product:
BTM410 / BTM411 / BTM420 / BTM421 /
BTM430 / BTM431 / BTM441 / BTM443 /
BTM461
EU Directive:
RTTE 1995/5/EC
Conformity Assessment:
Annex IV
4.1 Reference Standards used for Presumption of Conformity
Article Number
Requirement
Reference standard(s)
3.1a
Health and Safety
EN 60950-1:2005 (2
nd Ed); +Am1:2009 +Am2:2013
EN 60950-1:2006+A11+a1:2010+A12:2011+A2:2013
3.1a
RF Exposure
EN 62479:2010
3.1b
Protection requirements with
respect to electromagnetic
compatibility
EN 301 489-1 V1.9.2 (2011-09)
EN 301 489-17 V2.2.1 (2012-09)
Emissions:
EN55022:2010 /AC:2011 (ClassB)
Immunity:
EN61000-4-2:2009
EN61000-4-3:2006 /A1:2008 /A2:2010
3.2
Means of the efficient use of
the radio frequency spectrum
EN 300 328 V1.8.1 (2012-06)
4.2 Declaration:
We, Laird, declare under our sole responsibility that the essential radio test suites have been carried out and
that the above product to which this declaration relates is in conformity with all the applicable essential
requirements of Article 3 of the EU Directive 1995/5/EC, when used for its intended purpose.
Place of Issue:
Laird
11160 Thompson Ave.
Lenexa, KS 66219
Date of Issue:
October 2009
Name of Authorized Person:
Daniel Waters / Certifications Specialist
Signature:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com