Electronic Components Datasheet Search
  English  ▼

X  

AP5 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # AP5
Description  KILOVAC 270 Vdc High Voltage Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

AP5 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  AP5 Datasheet HTML 1Page - TE Connectivity Ltd AP5 Datasheet HTML 2Page - TE Connectivity Ltd AP5 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
7–51
7
For factory-direct application assistance,
dial 800-253-4560, ext. 2055, or
805-220-2055.
KILOVAC 270+ Vdc High Voltage Relays
Product Facts
n AP5 make and break 5 A;
AP10 make and break 10 A
@ 270 Vdc
n 20 A overload rating
n Latching actuator available
for low power consumption
n Ideal for applications from
28 to 1000 Vdc
n Small size and weight
n Wide variety of mounting
styles (see pages 54 and 55)
n No heat sinks required
n 2000 V isolation across
open contacts
n Vacuum-sealed contacts;
can operate in harsh
environments
n Qualified to SAE ARD 50031
n Space-rated version built in
accordance with customers
SCD
Product Specifications
Contact Arrangement —
AP5A — SPST-NO
AP5B — SPST-NC
AP5C — SPDT
Contact Form —
AP5A — A
AP5B — B
AP5C — C
Rated Resistive Load @ 270 Vdc —
5 A*
Continuous Current Carry, Max. —
AP5A, AP5B, AP5C — 25 A**
Overload @ 270 Vdc —
AP5A, AP5B — 20 A
AP5C— 10 A
Contact Resistance, Max. —
10 mohm
Dielectric at Sea Level —
Coil to Case — 500 Vrms
All Other Points — 2,000 Vrms
Shock, 11ms, 1/2 Sine (Peak) —
AP5A, AP5B, AP5C— 50 g
Vibration, Sinusoidal
(55-2000 Hz, Peak) — 10 g
Operating Ambient Temperature
Range — -55°C to +85°C
Load Life @ 270 Vdc, Min. —
AP5A, AP5B — 50,000 cycles
AP5C — 10,000 cycles
Operate Time,
Excluding Bounce, Max. —
AP5A, AP5B, AP5C — 7 ms
Release Time, Max. —
AP5A, AP5B, AP5C — 10 ms
Bounce Time, Max. —
AP5A, AP5B, AP5C — 3 ms
Insulation Resistance @ 500 Vdc,
Min. —
Initial — 100 mohm
End of Life — 50 mohm
Weight, Nominal —
28 gram (1 oz.)
AP5A, AP5B, & AP5C Relays — 5 Amps
Product Specifications
Contact Arrangement —
AP10A — SPST-NO
AP10B — SPST-NC
AP10P — SPST Latching
Contact Form —
AP10A — A
AP10B — B
AP10P — P
Rated Resistive Load @ 270 Vdc —
10 A*
Continuous Current Carry, Max. —
AP10A, AP10B — 25 A**
AP10P — 30 A**
Overload @ 270 Vdc — 20 A
Contact Resistance, Max. —
10 mohm
Dielectric at Sea Level —
Coil to Case — 500 Vrms
All Other Points — 2,000 Vrms
Shock, 11ms, 1/2 Sine (Peak) —
50 g
Vibration, Sinusoidal
(55-2000 Hz, Peak) — 10 g
Operating Ambient Temperature
Range — -55°C to +85°C
Load Life @ 270 Vdc, Min. —
AP10A — 10,000 cycles
AP10B, AP10P — 7,000 cycles
Operate Time,
Excluding Bounce, Max. —
AP10A, AP10B — 7 ms
AP10P — 4 ms
Release Time, Max. —
AP10A, AP10B — 10 ms
AP10P — N/A
Bounce Time, Max. —
AP10A, AP10B — 3 ms
AP10P — 2 ms
Insulation Resistance @ 500 Vdc,
Min. —
Initial — 100 mohm
End of Life — 50 mohm
Weight, Nominal —
28 gram (1 oz.)
AP10A, AP10B, AP10P & AP11A Relays — 10 Amps
Notes:
*The load terminals should always
be connected as follows: Common
Contact +; Other Contact –.
**10 amps for PC board connection.
Coil Data
Volts, Nominal
12
28
28 2
120
Pickup, Max. 1
10 Vdc
20 Vdc
16 Vdc
85 Vdc
Dropout, Min.
.3-6 Vdc .7-12 Vdc
N/A
5-55 Vdc
Coil Resistance (±10%)
53
Ω
290
Ω
80
Ω
4700
Ω
Coil resistance rated at 25°C
Notes:
1. Value for AP5C is 24 for 28 Vdc coil & 100 for 120 Vdc coil
2. Latching
Ordering Information
Sample Part Number
AP5 C3 4 5
Series:
Contact Form:
A = SPST-NO
B = SPST-NC
C = SPDT
P = SPST Latching
Coil Voltage:
2 = 12Vdc, Bus Wire/PC Board
3 = 28 Vdc, Bus Wire/PC Board
5 = 120 Vdc, Bus Wire/PC Board
7 = 12 Vdc, Turret Terminals
8 = 28 Vdc, Turret Terminals
9 = 120 Vdc, Turret Terminals
A = 12 Vdc, Stud Terminals, Panel Mount
B = 28 Vdc, Stud Terminals, Panel Mount
C = 120 Vdc, Stud Terminals, Panel Mount
Power Terminals:
3 = Solder Connection/PC Board
4 = Flying Leads
5 = Stud Terminals, Panel Mount
Mounting:
2 = Flanged Mount
4 = Through Chassis Mount
5 = PCB Mount
7 = Panel Mount
AP5/AP10 Relays
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.


Similar Part No. - AP5

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
AP5 KNOWLES-AP5 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
logo
LEM
AP50-B10 LEM-AP50-B10 Datasheet
56Kb / 2P
AC Current transducer AP-B10
AP50-B420L LEM-AP50-B420L Datasheet
56Kb / 2P
AC Current transducer AP-B420L
logo
Diodes Incorporated
AP5001 DIODES-AP5001 Datasheet
169Kb / 9P
PWM CONTROL 1.5A STEP-DOWN CONVERTER
OCTOBER 2007 Rev. 1
AP5001S DIODES-AP5001S Datasheet
169Kb / 9P
PWM CONTROL 1.5A STEP-DOWN CONVERTER
OCTOBER 2007 Rev. 1
More results

Similar Description - AP5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PD5 TEC-PD5 Datasheet
149Kb / 1P
KILOVAC 28 - 1800 Vdc High Voltage Relays
K40P TEC-K40P Datasheet
203Kb / 1P
KILOVAC High Voltage Relays
K41 TEC-K41 Datasheet
392Kb / 2P
KILOVAC High Voltage Relays
K43 TEC-K43 Datasheet
295Kb / 2P
KILOVAC High Voltage Relays
K45 TEC-K45 Datasheet
118Kb / 1P
KILOVAC High Voltage Relays
K62 TEC-K62 Datasheet
181Kb / 1P
KILOVAC High Voltage Relays
K64 TEC-K64 Datasheet
211Kb / 1P
KILOVAC High Voltage Relays
K70 TEC-K70 Datasheet
157Kb / 1P
KILOVAC High Voltage Relays
K81A TEC-K81A Datasheet
389Kb / 2P
KILOVAC High Voltage Relays
AP150X TEC-AP150X Datasheet
404Kb / 1P
KILOVAC 270 Vdc Traditional Aerospace Contactors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com