Electronic Components Datasheet Search
  English  ▼

X  

39207 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # 39207
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

39207 Datasheet(HTML) 6 Page - TE Connectivity Ltd

  39207 Datasheet HTML 1Page - TE Connectivity Ltd 39207 Datasheet HTML 2Page - TE Connectivity Ltd 39207 Datasheet HTML 3Page - TE Connectivity Ltd 39207 Datasheet HTML 4Page - TE Connectivity Ltd 39207 Datasheet HTML 5Page - TE Connectivity Ltd 39207 Datasheet HTML 6Page - TE Connectivity Ltd 39207 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
408-1535
Rev T
6 of 7
8. With crimping jaws bottomed, check the insulation barrel section of the crimping chamber as
described in Steps 4 and 5.
If the crimping chamber conforms to the gage inspection, the tool is considered dimensionally correct, and
should be lubricated with a THIN coat of any good SAE 20 motor oil. If not, the tool must be returned for further
evaluation and repair. Refer to Section6, REPLACEMENT AND REPAIR.
For additional information regarding the use of a plug gage, refer to Instruction Sheet 408-7424.
5.5. Ratchet Inspection
The ratchet feature on the hand tools should be checked to ensure that the ratchet does not release
prematurely, allowing the jaws to open before they have fully bottomed. Obtain a 0.025 mm [.001 in.] shim that
is suitable for checking the clearance between the bottoming surfaces of the crimping jaws. Proceed as follows:
1. Select the maximum size wire for the tool and a terminal or splice.
2. Position the terminal or splice and wire between the crimping jaws as described in Section 3.
3. Hold wire in place and squeeze tool handles until the ratchet releases. Hold the handles in this
position, maintaining just enough tension to keep the jaws closed.
4. Check the clearance between the bottoming surfaces of the crimping jaws with the 0.025 mm [.001 in.]
shim. If the clearance is 0.025 mm [.001 in.] or less, the ratchet is considered satisfactory. If the
clearance exceeds 0.025 mm [.001 in.], the ratchet is out of adjustment and must be repaired. Refer to
Section 6, REPLACEMENT AND REPAIR.
6. REPLACEMENT AND REPAIR
Customer-replaceable parts are listed in Figure 9. Parts other than those listed should be replaced by TE to
ensure quality and reliability. For customer repair service or to order replacement parts, call 1-800-522-6752, or
fax your purchase order to 717-986-7605, or write to: Customer Service (038-035), Tyco Electronics
Corporation, PO Box 3608, Harrisburg, PA 17105-3608.
7. REVISION SUMMARY
Updated document to corporate requirements
Changed dimensions in table in Figure 2
Added new information to table in Figure 9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com