Electronic Components Datasheet Search
  English  ▼

X  

IR2183PBF Datasheet(PDF) 16 Page - International Rectifier

Part # IR2183PBF
Description  HALF-BRIDGE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2183PBF Datasheet(HTML) 16 Page - International Rectifier

Back Button IR2183PBF Datasheet HTML 12Page - International Rectifier IR2183PBF Datasheet HTML 13Page - International Rectifier IR2183PBF Datasheet HTML 14Page - International Rectifier IR2183PBF Datasheet HTML 15Page - International Rectifier IR2183PBF Datasheet HTML 16Page - International Rectifier IR2183PBF Datasheet HTML 17Page - International Rectifier IR2183PBF Datasheet HTML 18Page - International Rectifier IR2183PBF Datasheet HTML 19Page - International Rectifier IR2183PBF Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
IR2183(4)(S)&(PbF)
16
www.irf.com
20
40
60
80
100
120
140
1
10
100
1000
Frequency (KHz)
140v
70v
0v
20
40
60
80
100
120
140
1
10
100
1000
Frequency (KHz)
70v
0v
140v
20
40
60
80
100
120
140
1
10
100
1000
Frequency (KHz)
140v
70v
0v
20
40
60
80
100
120
140
1
10
100
1000
Frequency (KHz)
140v
70v
0v
Figure 23. IR2183 vs. Frequency (IRFBC30),
R
gate=22Ω , VCC=15V
Figure 24. IR2183 vs. Frequency (IRFBC40),
R
gate=15Ω , VCC=15V
Figure 25. IR2183 vs. Frequency (IRFPE50),
R
gate=10Ω , VCC=15V
Figure 26. IR21834 vs. Frequency (IRFBC20),
R
gate=33Ω , VCC=15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com