Electronic Components Datasheet Search
  English  ▼

X  

LM9070S Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9070S
Description  Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9070S Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM9070S Datasheet HTML 4Page - National Semiconductor (TI) LM9070S Datasheet HTML 5Page - National Semiconductor (TI) LM9070S Datasheet HTML 6Page - National Semiconductor (TI) LM9070S Datasheet HTML 7Page - National Semiconductor (TI) LM9070S Datasheet HTML 8Page - National Semiconductor (TI) LM9070S Datasheet HTML 9Page - National Semiconductor (TI) LM9070S Datasheet HTML 10Page - National Semiconductor (TI) LM9070S Datasheet HTML 11Page - National Semiconductor (TI) LM9070S Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Application Information (Continued)
An output bypass capacitor of at least 10 µF is required for
stability (47 µF is recommended). The ESR of this capacitor
should be less than 3
Ω. An input capacitor of 1 µF or larger
is recommended to improve line transient and noise perfor-
mance.
With the Keep-Alive input, a system microprocessor has the
ability to keep the regulator ON (with a logic “0” on
Keep-Alive) after the ON/OFF input has been commanded
OFF. A power-down sequence, when system variables are
typically stored in programmable memory, can be executed
and take as much time as necessary. At the end of the op-
eration the micro then pulls Keep-Alive high and the regula-
tor and system turn OFF and revert to the low quiescent cur-
rent standby mode.
For additional system reliability, consideration has been
made for the possibility of a short circuited load at the output
of the regulator. When the regulator is switched ON, conven-
tional current limiting and thermal shutdown protect the regu-
lator. When the regulator is switched OFF however, a
grounded V
CC supply to the micro (due to the shorted regu-
lator output) will force the Keep-Alive input to be low and
thus try to maintain the Keep-Alive mode of operation. With
a shorted load, the drain on the battery could be as high as
1.5A. A separate internal circuit monitors the output voltage
of the regulator. If V
OUT is less than 4V, as would be the case
with a shorted load, the Keep-Alive function is logically dis-
abled to ensure that the regulator turns OFF and reverts to
only a 50 µA load on the battery.
Conventional load dump protection is built in to withstand up
to +60V and −50V transients. A 1 k
Ω resistor in series with
the ON/OFF and Keep-Alive inputs are recommended to
provide the same level of transient protection for these pins
if required. Protection against reverse polarity battery con-
nections is also built in. With a reversed battery the output of
the LM9070 will not go more negative than one diode drop
below ground. This will prevent damage to any of the 5V load
circuits.
For applications where the control logic is not required the
logic pins should be configured as shown in
Figure 2.A
separate device, called the LM9071, can be used. The
LM9071 is available in a 5-lead TO-220 package and does
not provide control logic functions, but still retains all of the
protection features of the LM9070.
RESET FLAG
Excessive loading of the output to the point where the output
voltage drops by 300 mV to 500 mV will signal a reset flag to
the micro. This will warn of a V
CC supply that may produce
unpredictable operation of the system. On power-up and re-
covery from a fault condition the delay capacitor is used to
hold the micro in a reset condition for a programmable time
interval to allow the system operating voltages and
clock to stabilize before executing code. The typical delay
time interval can be estimated using the following equation:
INPUT STABILITY
Low dropout voltage regulators which utilize a PNP power
transistor usually exhibit a large increase in current when in
dropout (V
IN < 5.5V). This increase is caused by the satura-
tion characteristics (
β reduction) of the PNP transistor. To
significantly minimize this increase in current the LM9070
detects when the PNP enters saturation and reduces the op-
erating current.
This reduction in input current can create a stability problem
in applications with higher load current (> 100 mA) where
the input voltage is applied through a long length of wire,
which in effect adds a significant amount of inductance in se-
ries with the input. The drop in input current may create a
positive input voltage transient which may take the PNP out
of saturation. If the input voltage is held constant at the
threshold where the PNP is going in and out of saturation, an
oscillation may be created.
This is only observed where significant series inductance is
present in the input supply line and when the rise and fall
time of the input supply is very slow. If the application and re-
moval of the input voltage changes at a rate greater than 500
mV/µs, the input voltage moves through the dropout region
of operation (V
IN of 3V to 5.5V) too quickly for an oscillation
to be established.
MICROPROCESSOR SYSTEM REGULATOR WITH
KEEP-ALIVE INTERVAL AT TURN-OFF
The following circuit illustrates a system application utilizing
both of the logic control inputs of the LM9070. Closing the
ON/OFF switch powers ON the system. Once powered, the
system controller sets the Keep-Alive line low. The NPN
transistor is used only to signal the controller that the ON/
OFF switch has been opened and the system is to be turned
OFF. Upon detecting this high level at the ON/OFF Sense in-
put line, the controller can then perform a power down rou-
tine. The system will remain fully powered until the controller
commands total shut down by taking the Keep-Alive line
high. The system then shuts OFF and reverts to a very low
current drain standby condition until switched back on.
DS012831-24
FIGURE 2. Control Logic Not Used
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com