Electronic Components Datasheet Search
  English  ▼

X  

LM9071 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM9071
Description  Low-Dropout System Voltage Regulator with Delayed Reset
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9071 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9071 Datasheet HTML 1Page - National Semiconductor (TI) LM9071 Datasheet HTML 2Page - National Semiconductor (TI) LM9071 Datasheet HTML 3Page - National Semiconductor (TI) LM9071 Datasheet HTML 4Page - National Semiconductor (TI) LM9071 Datasheet HTML 5Page - National Semiconductor (TI) LM9071 Datasheet HTML 6Page - National Semiconductor (TI) LM9071 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LM9071
Low-Dropout System Voltage Regulator with Delayed
Reset
General Description
The LM9071 is a 5V, 250 mA low-dropout voltage regulator.
The regulator features an active low delayed reset output
flag which can be used to reset a microprocessor system on
turn-ON and in the event that the regulator output falls out of
regulation for any reason. An external capacitor programs a
delay time interval before the reset output can return high.
Designed for automotive application the LM9071 contains a
variety of protection features such as reverse battery,
over-voltage shutdown, thermal shutdown, input transient
protection and a wide operating temperature range.
Design techniques have been employed to allow the regula-
tor to remain operational and not generate false reset signals
when subjected to high levels of RF energy (300V/m from
2 MHz to 400 MHz).
Features
n Automotive application reliability
n 3% output voltage tolerance
n Insensitive to radiated RFI
n Dropout voltage less than 800 mV with 250 mA output
current
n Externally programmed reset delay interval
n Thermal shutdown
n Short circuit protection
n Reverse battery protection
n Wide operating temperature range −40˚C to +125˚C
n TO-220 and TO-263 power surface mount power
packages
n Pin for pin compatible with the LM2927, L4947 and
TLE4260
Typical Application and Connection Diagrams (Top View)
DS012832-1
5-Lead TO-220 Package
DS012832-2
Order Number LM9071T
See NS Package Number T05A
5-Lead TO-220 Package
DS012832-3
Order Number LM9071T/Flow LB03
See NS Package Number T05D
5-Lead TO-263 Surface Mount Package
DS012832-4
Tab and Backside metal on all packages internally connected to ground.
Order Number LM9071S
See NS Package Number TS5B
December 1999
© 1999 National Semiconductor Corporation
DS012832
www.national.com


Similar Part No. - LM9071

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9071 TI1-LM9071 Datasheet
979Kb / 15P
Low-Dropout System Voltage Regulator
LM9071 TI2-LM9071 Datasheet
539Kb / 16P
LM9071 Low-Dropout System Voltage Regulator with Delayed Reset
REVISED APRIL 2013
LM9071S/NOPB TI1-LM9071S/NOPB Datasheet
979Kb / 15P
Low-Dropout System Voltage Regulator
LM9071S/NOPB TI2-LM9071S/NOPB Datasheet
539Kb / 16P
LM9071 Low-Dropout System Voltage Regulator with Delayed Reset
REVISED APRIL 2013
LM9071S/NOPB.B TI2-LM9071S/NOPB.B Datasheet
539Kb / 16P
LM9071 Low-Dropout System Voltage Regulator with Delayed Reset
REVISED APRIL 2013
More results

Similar Description - LM9071

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
Low Dropout Regulator with Delayed Reset
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
Low Dropout Regulator with Delayed Reset
logo
Texas Instruments
TPS7301Q TI-TPS7301Q Datasheet
638Kb / 43P
LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
logo
Cherry Semiconductor Co...
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 2/5/99
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 5/4/99
logo
NEC
UPC2260 NEC-UPC2260 Datasheet
72Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR WITH SYSTEM RESET PIN
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
Low Dropout Regulator with Delayed Reset
logo
Texas Instruments
TPS7301Q TI1-TPS7301Q_12 Datasheet
954Kb / 45P
LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7301Q TI1-TPS7301Q_16 Datasheet
1Mb / 45P
LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com