Electronic Components Datasheet Search
  English  ▼

X  

IRF6691 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF6691
Description  HEXFET Power MOSFET plus Schottky Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6691 Datasheet(HTML) 1 Page - International Rectifier

  IRF6691 Datasheet HTML 1Page - International Rectifier IRF6691 Datasheet HTML 2Page - International Rectifier IRF6691 Datasheet HTML 3Page - International Rectifier IRF6691 Datasheet HTML 4Page - International Rectifier IRF6691 Datasheet HTML 5Page - International Rectifier IRF6691 Datasheet HTML 6Page - International Rectifier IRF6691 Datasheet HTML 7Page - International Rectifier IRF6691 Datasheet HTML 8Page - International Rectifier IRF6691 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
11/3/04
IRF6691
HEXFET® Power MOSFET plus Schottky Diode
Notes
 through ˆ are on page 10
DirectFET
™ ISOMETRIC
MT
l Application Specific MOSFETs
l Integrates Monolithic Trench Schottky Diode
l Ideal for CPU Core DC-DC Converters
l Low Conduction Losses
l Low Reverse Recovery Losses
l Low Switching Losses
l Low Reverse Recovery Charge and Low Vf
l Low Profile (<0.7 mm)
l Dual Sided Cooling Compatible
l Compatible with existing Surface Mount Techniques
Description
The IRF6691 combines IR’s industry leading DirectFET package technology with the latest monolithic die technology,
which integrates MOSFET plus free-wheeling Schottky diode. The DirectFET package is compatible with existing layout
geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection soldering
techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET
package allows dual sided cooling to maximize thermal transfer in power systems, IMPROVING previous best thermal
resistance by 80%.
The IRF6691 is characterized with reduced on resistance (R
DS(on)), reverse recovery charge (Qrr) and source to drain
voltage (V
SD) to reduce conduction, reverse recovery and deadtime losses. These reduced total losses along with high
Cdv/dt immunity make this product ideal for high efficiency DC-DC converters that power the latest generation of proces-
sors operating at higher frequencies. The IRF6691 has been optimized for parameters that are critical for synchronous
MOSFET sockets operating in 12 volt buss converters.
Applicable DirectFET Package/Layout Pad (see p.8,9 for details)
SQ
SX
ST
MQ
MX
MT
VDSS
RDS(on) max
Qg(typ.)
20V
2.5m
Ω@VGS = 4.5V
47nC
1.8m
Ω@VGS = 10V
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
g
PD @TA = 70°C
Power Dissipation
g
W
PD @TC = 25°C
Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
fj
–––
45
RθJA
Junction-to-Ambient
gj
12.5
–––
RθJA
Junction-to-Ambient
hj
20
–––
°C/W
RθJC
Junction-to-Case
ij
–––
1.4
RθJ-PCB
Junction-to-PCB Mounted
1.0
–––
-40 to + 150
2.8
0.022
1.8
89
Max.
32
26
260
±12
20
180
PD - 95867A


Similar Part No. - IRF6691

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6691PBF IRF-IRF6691PBF Datasheet
642Kb / 10P
DirectFETPower MOSFET
IRF6691PBF IRF-IRF6691PBF Datasheet
642Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
IRF6691TRPBF IRF-IRF6691TRPBF Datasheet
642Kb / 10P
DirectFETPower MOSFET
IRF6691TRPBF IRF-IRF6691TRPBF Datasheet
642Kb / 10P
RoHs Compliant
More results

Similar Description - IRF6691

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6795MPBF IRF-IRF6795MPBF Datasheet
222Kb / 9P
HEXFET Power MOSFET plus Schottky Diode
IRF6795MPBF IRF-IRF6795MPBF_10 Datasheet
268Kb / 9P
HEXFET Power MOSFET plus Schottky Diode
IRF6798MPBF IRF-IRF6798MPBF Datasheet
255Kb / 9P
HEXFET Power MOSFET plus Schottky Diode
IRF6794MPBF IRF-IRF6794MPBF Datasheet
321Kb / 9P
HEXFET Power MOSFET plus Schottky Diode
IRF6728MPBF IRF-IRF6728MPBF Datasheet
253Kb / 9P
HEXFET Power MOSFET plus Schottky Diode
IRF6729MPBF IRF-IRF6729MPBF Datasheet
250Kb / 9P
HEXFET Power MOSFET plus Schottky Diode
IRF6898MPBF IRF-IRF6898MPBF Datasheet
249Kb / 9P
HEXFET Power MOSFET plus Schottky Diode
IRF8302MPBF IRF-IRF8302MPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET plus Schottky Diode
IRF8306MPBF IRF-IRF8306MPBF Datasheet
280Kb / 9P
HEXFET Power MOSFET plus Schottky Diode
IRF6798MPBF IRF-IRF6798MPBF_15 Datasheet
255Kb / 9P
HEXFET Power MOSFET plus Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com