Electronic Components Datasheet Search
  English  ▼

X  

IRF7316 Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7316
Description  HEXFET POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7316 Datasheet(HTML) 4 Page - International Rectifier

  IRF7316 Datasheet HTML 1Page - International Rectifier IRF7316 Datasheet HTML 2Page - International Rectifier IRF7316 Datasheet HTML 3Page - International Rectifier IRF7316 Datasheet HTML 4Page - International Rectifier IRF7316 Datasheet HTML 5Page - International Rectifier IRF7316 Datasheet HTML 6Page - International Rectifier IRF7316 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IRF7316
0.00
0.04
0.08
0.12
0.16
0
3
6
9
12
15
A
I
= -4.9A
D
Fig 8. Maximum Avalanche Energy
Vs. Drain Current
Fig 6. Typical On-Resistance Vs. Drain
Current
Fig 7. Typical On-Resistance Vs. Gate
Voltage
Fig 5. Normalized On-Resistance
Vs. Temperature
-60 -40 -20 0
20 40 60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature( C)
J
°
V
=
I =
GS
D
10V
4.9A
25
50
75
100
125
150
0
50
100
150
200
250
300
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
-1.3A
-2.2A
-2.8A
0.0
0.1
0.2
0.3
0.4
0.5
0.6
010
20
30
A
V
= -4.5V
V
= -10V
GS
GS
-ID , Drain Current (A)
-VGS , Gate -to-Source Voltage (V)
-
-
-4.9A
-10V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com