Electronic Components Datasheet Search
  English  ▼

X  

MAXAIR Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # MAXAIR
Description  Half the weight of traditional aluminum honeycomb vent panels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

MAXAIR Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  MAXAIR Datasheet HTML 1Page - Laird Tech Smart Technology MAXAIR Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MaxAirTM
Vent Panels
global solutions :
local support
™
EMI-SPEC-MAXAIR-0706
Any information furnished by Laird Technologies and its agents is believed to be accurate and reliable. Responsibility for the use and application of Laird Technologies materials rests with the end
user since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness, merchantability, or suitability of any Laird Technologies
materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant
to the Laird Technologies domestic terms and conditions of sale in effect from time to time, a copy of which will be furnished upon request.
Air Flow Volume Difference
MaxAir vs. Al Vent Panel w/0.25" Wide Frame
0%
10%
20%
30%
40%
50%
0.05
0.10
0.15
0.20
0.25
0.30
0.35
Pressure Drop (inches H2O)
6" x 6" Vent Panel
18" x 18" Vent Panel
Shielding Effectiveness per MIL-STD-285 (mod.)
Frameless Vent Panel w/Conductive Foam Band,
(0.5" Thick, 0.125" Cell )
Frequency (MHz)
0
10
20
30
40
50
60
70
80
90
100
110
MaxAir Vent Panel
Framed Al Vent Panel
Shielded
Compartment
Conductive
Mounting
Track
Unshielded
Compartment
Compressible Conductive
Perimeter Gasket
Honeycomb panel
slides into the
enclosure,
forming a
conductive barrier
between
compartments.
Cover plate
with EMI
gaskets
grounds in
front of
honeycomb to
the enclosure.
MaxAirTM Frameless Honeycomb
Soft, compressible conductive perimeter gasket
grounds the honeycomb directly to the enclosure.
Enclosure
Wall
Insertion
Direction
Shielded
Enclosure
Conductive
Mating
Surfaces
Frameless honeycomb panel blocks even high
frequency EMI while allowing unimpeded airflow.
Soft, compressible
conductive perimeter gasket
Interference
Fit
Insertion
Direction
Shielded Enclosure
Electrical Contact Around Perimeter
Non-Conductive Bolt
Horizontal Installation
Vertical Installation
MaxAirTM Conductive Plated
Polycarbonate Honeycomb
MaxAirTM Conductive
Plated Polycarbonate
Honeycomb
MaxAirTM Frameless
Conductive
Honeycomb
Air Flow Volume Difference
MaxAirTM vs. Aluminum Vent Panel w/ 0.250” Wide Frame
Shielding Effectiveness per MIL-STD-285 (mod.)
Frameless Vent Panel w/compressible conductive perimeter gasket
(0.500”Thick, 0.125”Cell)
MaxAirTM Vent Panel
Framed Aluminum Vent Panel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com