Electronic Components Datasheet Search
  English  ▼

X  

33984 Datasheet(PDF) 21 Page - Motorola, Inc

Part # 33984
Description  Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

33984 Datasheet(HTML) 21 Page - Motorola, Inc

Back Button 33984 Datasheet HTML 17Page - Motorola, Inc 33984 Datasheet HTML 18Page - Motorola, Inc 33984 Datasheet HTML 19Page - Motorola, Inc 33984 Datasheet HTML 20Page - Motorola, Inc 33984 Datasheet HTML 21Page - Motorola, Inc 33984 Datasheet HTML 22Page - Motorola, Inc 33984 Datasheet HTML 23Page - Motorola, Inc 33984 Datasheet HTML 24Page - Motorola, Inc 33984 Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33984
21
MODES OF OPERATION
The 33984 has four operating modes: Sleep, Normal, Fault,
and Fail-Safe. Table 11 summarizes details contained in
succeeding paragraphs.
Sleep Mode
The default mode of the 33984 is the Sleep mode. This is the
state of the device after first applying battery voltage (VPWR),
prior to any I/O transitions. This is also the state of the device
when the WAKE and RST are both logic [0]. In the Sleep mode,
the output and all unused internal circuitry, such as the internal
5.0 V regulator, are off to minimize current draw. In addition, all
SPI-configurable features of the device are as if set to logic [0].
The device will transition to the Normal or Fail-Safe operating
modes based on the WAKE and RST inputs as defined in
Table 11.
Normal Mode
The 33984 is in Normal mode when:
•VPWR is within the normal voltage range.
• RST terminal is logic [1].
• No fault has occurred.
Fail-Safe Mode
Fail-Safe Mode and Watchdog
If the FSI input is not grounded, the watchdog timeout
detection is active when either the WAKE or RST input terminal
transitions from logic [0] to logic [1]. The WAKE input is capable
of being pulled up to VPWR with a series of limiting resistance
that limits the internal clamp current according to the
specification.
The watchdog timeout is a multiple of an internal oscillator
and is specified in Table 7, page 18. As long as the WD bit (D7)
of an incoming SPI message is toggled within the minimum
watchdog timeout period (WDTO), based on the programmed
value of the WDR the device will operate normally. If an internal
watchdog timeout occurs before the WD bit, the device will
revert to a Fail-Safe mode until the device is reinitialized.
During the Fail-Safe mode, the outputs will be ON or OFF
depending upon the resistor RFS connected to the FSI terminal,
regardless of the state of the various direct inputs and modes
(Table 12). In this mode, the SPI register content is retained
except for overcurrent high and low detection levels and timing,
which are reset to their default value (SOCL, SOCH, and
OCLT). Then the watchdog, overvoltage, overtemperature, and
overcurrent circuitry (with default value) are fully operational.
The Fail-Safe mode can be detected by monitoring the
WDTO bit D2 of the WD register. This bit is logic [1] when the
device is in fail-safe mode. The device can be brought out of the
Fail-Safe mode by transitioning the WAKE and RST terminals
from logic [1] to logic [0] or forcing the FSI terminal to logic [0].
Table 11 summarizes the various methods for resetting the
device from the latched Fail-Safe mode.
If the FSI terminal is tied to GND, the Watchdog fail-safe
operation is disabled.
Loss of VDD
If the external 5.0 V supply is not within specification, or even
disconnected, all register content is reset. The two outputs can
still be driven by the direct inputs IN1:IN0. The 33984 uses the
battery input to power the output MOSFET-related current
sense circuitry and any other internal logic providing fail-safe
device operation with no VDD supplied. In this state, the
watchdog, overvoltage, overtemperature, and overcurrent
circuitry are fully operational with default values.
Table 11. Fail-Safe Operation and
Transitions to Other 33984 Modes
Mode
FS
WAKE
RST
WDTO
Comments
Sleep
x
0
0
x
Device is in Sleep mode.
All outputs are OFF.
Normal
1
x
1
No
Normal mode. Watchdog
is active if enabled.
Fault
0
1
x
No
The device is currently in
Fault mode. The faulted
output(s) is (are) OFF.
0
x
1
Fail-
Safe
1
0
1
Yes
Watchdog has timed out
and the device is in Fail-
Safe mode. The outputs
are as configured with the
RFS resistor connected to
FSI. RST and WAKE must
be transitioned to logic [0]
simultaneously to bring
the device out of the Fail-
Safe mode or momentarily
tied the FSI terminal to
ground.
1
1
1
1
1
0
x = Don’t care.
Table 12. Output State During Fail-Safe Mode
RFS (k
Ω)
High-Side State
0
Fail-Safe Mode Disabled
6.0
Both HS0 and HS1 OFF
15
HS0 ON, HS1 OFF
30
Both HS0 and HS1 ON
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com