Electronic Components Datasheet Search
  English  ▼

X  

QS40.361 Datasheet(PDF) 9 Page - PULS GmbH

Part # QS40.361
Description  36V, 26.7A, SINGLE PHASE INPUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS40.361 Datasheet(HTML) 9 Page - PULS GmbH

Back Button QS40.361 Datasheet HTML 5Page - PULS GmbH QS40.361 Datasheet HTML 6Page - PULS GmbH QS40.361 Datasheet HTML 7Page - PULS GmbH QS40.361 Datasheet HTML 8Page - PULS GmbH QS40.361 Datasheet HTML 9Page - PULS GmbH QS40.361 Datasheet HTML 10Page - PULS GmbH QS40.361 Datasheet HTML 11Page - PULS GmbH QS40.361 Datasheet HTML 12Page - PULS GmbH QS40.361 Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
QS40.361
Q-Series
36V, 26.7A, SINGLE PHASE INPUT
8. DC-OK RELAY CONTACT
This feature monitors the output voltage, which is produced by the power supply itself. It is independent of a back-fed
voltage from a unit connected in parallel to the power supply output.
Contact closes
As soon as the output voltage reaches 90% of the adjusted output voltage.
Contact opens
As soon as the output voltage dips more than 10% below the adjusted output voltage.
Short dips will be extended to a signal length of 250ms. Dips shorter than 1ms will be ignored.
Contact re-closes
As soon as the output voltage exceeds 90% of the adjusted voltage.
Contact ratings
max
60Vdc 0.3A, 30Vdc 1A, 30Vac 0.5A
resistive load
min
1mA at 5Vdc
min. permissible load
Isolation voltage
See dielectric strength table in section 21.
Fig. 8-1 DC-ok relay contact behavior
250ms
0.9* V
ADJ
<
1ms
10%
open
V
OUT = VADJ
open
closed
closed
>
1ms
9. SHUT-DOWN INPUT
This feature allows a switch-off of the output of the power supply with a signal switch or an external voltage. The
shut-down occurs immediately while the turn-on is delayed up to 350ms. In a shut-down condition, the output voltage
is <3V and the output power is <0.5W.
The voltage between different minus pole output terminals must be below 1V when units are connected in parallel. In
a series operation of multiple power supplies only wiring option “A” with individual signal switches is allowed.
Please note:
- Option C requires a current sink capability of the voltage source. Do not use a blocking diode.
- The shut-down function has no safety feature included.
Fig. 9-1 Activation of the shut-down input
15
16
OFF: linked
ON : open
Shut-
down
Input
Option A:
15
16
OFF: I > 0.3mA
ON : I < 0.1mA
Shut-
down
Input
Option B:
-
(via open
collector)
I
n.c.
15
16
OFF: U < 1V
ON : U = 4 -29V
Shut-
down
Input
Option C:
-
(via external
voltage
+
U
n.c.
Oct. 2014 / Rev. 1.2 DS-QS40.361-EN
All parameters are specified at 36V, 26.7A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
9/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com