Electronic Components Datasheet Search
  English  ▼

X  

QS10.301 Datasheet(PDF) 9 Page - PULS GmbH

Part # QS10.301
Description  30V, 8A, SINGLE PHASE INPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS10.301 Datasheet(HTML) 9 Page - PULS GmbH

Back Button QS10.301 Datasheet HTML 5Page - PULS GmbH QS10.301 Datasheet HTML 6Page - PULS GmbH QS10.301 Datasheet HTML 7Page - PULS GmbH QS10.301 Datasheet HTML 8Page - PULS GmbH QS10.301 Datasheet HTML 9Page - PULS GmbH QS10.301 Datasheet HTML 10Page - PULS GmbH QS10.301 Datasheet HTML 11Page - PULS GmbH QS10.301 Datasheet HTML 12Page - PULS GmbH QS10.301 Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
QS10.301
Q-Series
30V, 8A, SINGLE PHASE INPUT
9. EFFICIENCY AND POWER LOSSES
AC 100V
AC 120V
AC 230V
Efficiency
typ.
91.5%
92.6%
93.5%
at 30V, 8A
Average efficiency *)
typ.
91.7%
92.4%
92.4%
25% at 2A, 25% at 4A,
25% at 6A, 25% at 8A
Power losses
typ.
4.4W
4.9W
6.1W
at 30V, 0A
typ.
22.4W
19.1W
16.7W
at 30V, 8A
*)
The average efficiency is an assumption for a typical application where the power supply is loaded with 25% of the nominal load for 25%
of the time, 50% of the nominal load for another 25% of the time, 75% of the nominal load for another 25% of the time and with 100%
of the nominal load for the rest of the time.
Fig. 9-1
Efficiency vs. output current at 30V,
typ.
Fig. 9-2
Losses vs. output current at 30V,
typ.
Efficiency
12
34
56
7
8A
86
87
88
89
90
91
Output Current
92
93
94%
A...100Vac
B... 120Vac
C... 230Vac
A
B
C
Power Losses
0
1
234
56
7
8A
0
3
12
15
18
21
24W
A
B
C
6
9
A...100Vac
B... 120Vac
C... 230Vac
Output Current
Fig. 9-3
Efficiency vs. input voltage at 30V,
8A, typ.
Fig. 9-4
Losses vs. input voltage at 30V, 8A,
typ.
Efficiency
9/26
85
120
155
190
225 260Vac
88
89
90
91
Input Voltage
92
93
94%
Power Losses
9
12
15
18
21
Input Voltage
24
27W
85
120
155
190
225 260Vac
Dec. 2014 / Rev. 2.2 DS-QS10.301-EN
All parameters are specified at 30V, 8A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com