Electronic Components Datasheet Search
  English  ▼

X  

QS10.241 Datasheet(PDF) 21 Page - PULS GmbH

Part # QS10.241
Description  24V, 10A, SINGLE PHASE INPUT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS10.241 Datasheet(HTML) 21 Page - PULS GmbH

Back Button QS10.241 Datasheet HTML 17Page - PULS GmbH QS10.241 Datasheet HTML 18Page - PULS GmbH QS10.241 Datasheet HTML 19Page - PULS GmbH QS10.241 Datasheet HTML 20Page - PULS GmbH QS10.241 Datasheet HTML 21Page - PULS GmbH QS10.241 Datasheet HTML 22Page - PULS GmbH QS10.241 Datasheet HTML 23Page - PULS GmbH QS10.241 Datasheet HTML 24Page - PULS GmbH QS10.241 Datasheet HTML 25Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
QS10.241, QS10.241-A1/ -C1/ -D1
Q-Series
24V, 10A, SINGLE PHASE INPUT
21.3. UF20.241 BUFFER MODULE
21/28
er
t.
ures.
This buffer unit is a supplementary device for DC 24V power supplies. It delivers power to bridge typical mains failures
or extends the hold-up time after turn-off
of the AC power. In times when the pow
supply provides sufficient voltages, the
buffer unit stores energy in integrated
electrolytic capacitors. In case of mains
voltage fault, this energy is released again
in a regulated process. One buffer module can deliver 20A additional curren
DC
Buffer
Unit(s)
Power
Supply
Load
AC
+
-
The buffer unit does not require any control wiring. It can be added in parallel to
the load circuit at any given point. Buffer units can be added in parallel to increase
the output ampacity or the hold-up time.
21.4. YR2.DIODE REDUNDANCY MODULE
L N PE
+ +
- -
QS10.241
Power
Supply
Adj
Overload
DCok
24V,10A
Failure
Monitor
24V,10A
Load
optional
I
I
L
N
PE
L N PE
+ +
- -
QS10.241
Power
Supply
Adj
Overload
DCok
24V,10A
YR2.Diode
Redundancy
Module
+
-
OUT
+
-
IN 1
+
-
IN 2
The YR2.DIODE is a dual redundancy module, which has two diodes
as decoupling devices included. It
can be used for various purposes.
The most popular application is to
configure highly reliable and true
redundant power supply systems.
Another interesting application is
the separation of sensitive loads
from non-sensitive loads. This
avoids the distortion of the power
quality for the sensitive loads
which can cause controller fail
Dec. 2014 / Rev. 2.2 DS-QS10.241-EN
All parameters are specified at 24V, 10A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com