Electronic Components Datasheet Search
  English  ▼

X  

LM9073 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9073
Description  Dual High Current Low-Dropout System Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9073 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM9073 Datasheet HTML 10Page - National Semiconductor (TI) LM9073 Datasheet HTML 11Page - National Semiconductor (TI) LM9073 Datasheet HTML 12Page - National Semiconductor (TI) LM9073 Datasheet HTML 13Page - National Semiconductor (TI) LM9073 Datasheet HTML 14Page - National Semiconductor (TI) LM9073 Datasheet HTML 15Page - National Semiconductor (TI) LM9073 Datasheet HTML 16Page - National Semiconductor (TI) LM9073 Datasheet HTML 17Page - National Semiconductor (TI) LM9073 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Application Information (Continued)
Input Stability
Low dropout voltage regulators which utilize a PNP power
transistor usually exhibit a large increase in current when in
dropout (Vin < 5.5V). This increase is caused by the satura-
tion characteristics (
β reduction) of the PNP transistor. To
significantly minimize this increase in current the LM9073
detects when the PNP enters the saturation and reduces the
operating current.
This reduction in input current can create a stability problem
in applications with higher load current (>200mA). where the
input voltage is applied through a long length of wire which in
effect add a significant amount of inductance in series with
the input. The drop in input current may create a positive in-
put voltage transient which may take the PNP out of satura-
tion. If the input voltage is held constant at the threshold
where the PNP is going in and out of saturation, an oscilla-
tion may be created.
This is only observed where a large series inductance is
present in the input supply line and when the rise and fall
time of the input supply is very slow. If the application and re-
moval of the input voltage changes at a rate greater than
500mV/mS it will move through the dropout region of the
regulator (Vin of 3V to 5.5V) too quickly for an oscillation to
be established.
Figure 6. Simple Logic Configuration to Provide
ON/OFF Sensing
DS101296-21
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com