Electronic Components Datasheet Search
  English  ▼

X  

PISA11 Datasheet(PDF) 15 Page - PULS GmbH

Part # PISA11
Description  PROTECTION MODULE 24V, 4 OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PISA11 Datasheet(HTML) 15 Page - PULS GmbH

Back Button PISA11 Datasheet HTML 11Page - PULS GmbH PISA11 Datasheet HTML 12Page - PULS GmbH PISA11 Datasheet HTML 13Page - PULS GmbH PISA11 Datasheet HTML 14Page - PULS GmbH PISA11 Datasheet HTML 15Page - PULS GmbH PISA11 Datasheet HTML 16Page - PULS GmbH PISA11 Datasheet HTML 17Page - PULS GmbH PISA11 Datasheet HTML 18Page - PULS GmbH PISA11 Datasheet HTML 19Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
PISA11
PISA11-Series
PROTECTION MODULE 24V, 4 OUTPUTS
16. TERMINALS AND WIRING
All terminals are easy to access when mounted on the panel.
Input, outputs and signal terminals are separated from each other to help in error-free wiring.
Input and Output
Signals
Type
screw terminals
plug connector
Solid wire
0.2-6mm2
0.2-1.5mm2
Stranded wire
0.2-4mm2
0.2-1.5mm2
AWG (American Wire Gauge)
24-10 AWG
24-16 AWG
Wire stripping length
7mm / 0.28inch
6mm / 0.24inch
Screwdriver
3.5mm slotted or
Pozidrive No 2
2.5mm slotted
Recommended tightening torque
0.8Nm, 7lbs.in
0.35Nm, 3lbs.in
Instructions:
a) Use appropriate copper cables that are designed for minimum operating temperatures of:
60°C for ambient up to 45°C and minimum
75°C for ambient up to 60°C and minimum
90°C for ambient up to 70°C.
b) Follow national installation codes and installation regulations!
c) Ensure that all strands of a stranded wire enter the terminal connection!
d) Screws of unused terminal compartments should be securely tightened.
e) Ferrules are allowed.
17. INPUT WIRE SIZES
A high voltage drop between the power supply and the protection module might cause a malfunction. It is not
recommended to use wires longer than 2x2m (for 2.5mm2 or AWG14 wires) or 2x4m (for 4mm2 or AWG12 wires) to
avoid undesired undervoltage conditions on the input of the protection module.
Use an appropriate wire size which matches to the ampacity of the power supply.
Do not use a wire size smaller than 2.5mm2 (or AWG14), when the total output current is higher than 15A.
18. OUTPUT WIRE SIZES
One task of the PISA module is the distribution of the current from a large amperage power supply to four current
monitored output channels. This permits wires with smaller cross-sections than would be needed for the ampacity of
the power supply. Therefore, the PISA11 module is equipped with a redundant electronic current measurement and an
additional emergency Mosfet to protect the wires. In case of an overload, all outputs will shutdown.
For the coordination between wire sizes and load currents, the relevant regulations must be observed. In most cases,
these are VDE 0891, VDE 0100-523 and the IEC/EN 60204-1. This means that the following wire sizes shall be used in
typical applications:
1A output:
≥0,14mm2
(approximately equals AWG26)
– Please note that the minimum wire size for the terminal is 0.2mm2 / AWG24.
2A output:
≥0,25mm2
(approximately equals AWG24)
3A output:
≥0,34mm2
(approximately equals AWG22)
4A output:
≥0,50mm2
(approximately equals AWG20)
6A output:
≥0,75mm2
(approximately equals AWG18)
10A output:
≥1,0mm2
(approximately equals AWG16)
12A output:
≥1,5mm2
(approximately equals AWG14)
May 2014 / Rev. 1.7 DS-PISA11 - data sheet -
All parameters are specified at 24Vdc input, 25°C ambient temperature and a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278-0
Germany
15/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com