Electronic Components Datasheet Search
  English  ▼

X  

ACPL-K72T Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # ACPL-K72T
Description  Qualified to AEC-Q100 Grade 1 Test Guidelines
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-K72T Datasheet(HTML) 2 Page - Broadcom Corporation.

  ACPL-K72T Datasheet HTML 1Page - Broadcom Corporation. ACPL-K72T Datasheet HTML 2Page - Broadcom Corporation. ACPL-K72T Datasheet HTML 3Page - Broadcom Corporation. ACPL-K72T Datasheet HTML 4Page - Broadcom Corporation. ACPL-K72T Datasheet HTML 5Page - Broadcom Corporation. ACPL-K72T Datasheet HTML 6Page - Broadcom Corporation. ACPL-K72T Datasheet HTML 7Page - Broadcom Corporation. ACPL-K72T Datasheet HTML 8Page - Broadcom Corporation. ACPL-K72T Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Broadcom
- 2 -
ACPL-K71T, ACPL-K72T, ACPL-K74T, and ACPL-K75T
Data Sheet
Functional Diagrams
Functional Diagrams
Figure 1 ACPL-K71T/ACPL-K72T
NOTE
The connection of a 0.1-μF bypass capacitor
between pins 5 and 8 is recommended.
Figure 2 ACPL-K74T/ACPLK75T
NOTE
The connection of a 0.1-μF bypass capacitor
between pins 5 and 8 is recommended.
Table 1 Truth Table
LED
Vo
ON
LOW
OFF
HIGH
Table 2 Pin Assignments for ACPL-K71T/ACPL-K72T
Pin No.
Pin Name
Description
Pin No.
Pin Name
Description
1AN
Anode
5GND
Ground
2CA
Cathode
6NC
No Connection
3
NC
No Connection
7
VOUT
Output
4
NC
No Connection
8
VDD
Power Supply
Table 3 Pin Assignments for ACPL-K74T/ACPL-K75T
Pin No.
Pin Name
Description
Pin No.
Pin Name
Description
1AN1
Anode 1
5
GND
Ground
2CA1
Cathode 1
6
VOUT2
Output 2
3CA2
Cathode 2
7
VOUT1
Output 1
4AN2
Anode 2
8
VDD
Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com