Electronic Components Datasheet Search
  English  ▼

X  

MH303 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # MH303
Description  Cellular-band Quad-FET Mixer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

MH303 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  MH303 Datasheet HTML 1Page - WJ Communication. Inc. MH303 Datasheet HTML 2Page - WJ Communication. Inc. MH303 Datasheet HTML 3Page - WJ Communication. Inc. MH303 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
October 2004
The Communications Edge
TM
MH303
Cellular-band Quad-FET Mixer
Product Information
MH303 Mechanical Information
This package may contain lead-bearing materials. The plating material on the leads is SnPb.
Package Information
Product Marking
The component will be laser marked with a model number
“M303” designator exactly as shown followed by an
assembly date code in location shown by “YYWW”.
A
laser marked lot code will be in the location shown by
“XXX” and is unique for every assembly lot.
Tape and reel specifications for this part are located on the
website in the “Application Notes” section.
YYWW
*
XXX
M303
Functional Schematic Diagram
RF
LO
IF
180o
Two-Way
Power
Divider
180o
Two-Way
Power
Divider
MH303
ESD / MSL Information
ESD Rating:
Class 1B
Value:
Passes at 500 V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
MSL Rating:
Level 1 at 235
° C convection reflow
Standard:
JEDEC Standard J-STD-020



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com