Electronic Components Datasheet Search
  English  ▼

X  

LM9074M Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9074M
Description  System Voltage Regulator with Keep-Alive ON/OFF
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9074M Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM9074M Datasheet HTML 1Page - National Semiconductor (TI) LM9074M Datasheet HTML 2Page - National Semiconductor (TI) LM9074M Datasheet HTML 3Page - National Semiconductor (TI) LM9074M Datasheet HTML 4Page - National Semiconductor (TI) LM9074M Datasheet HTML 5Page - National Semiconductor (TI) LM9074M Datasheet HTML 6Page - National Semiconductor (TI) LM9074M Datasheet HTML 7Page - National Semiconductor (TI) LM9074M Datasheet HTML 8Page - National Semiconductor (TI) LM9074M Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Control Logic Truth Table
ON/OFF
Input
Keep-Alive
Input
Output
Voltage
Reset
Output
Operating Condition
L
X
0V
L
Low quiescent current standby (OFF) condition
↑
X5V
↑ after delay
Output turns ON
H
X
5V
H
Normal ON condition
↓
H
0V
L
Output turns OFF
↓
L
5V
H
Output kept ON by Keep-Alive Input
↑
L
5V
H
Output remains ON (or turns ON)
HX
∆V
OUT ≥ −300 mV
L
Output pulled out of regulation, reset flag generated
LL
V
OUT ≤ 4V
L
Output latches OFF
Block Diagram
Application Information
The LM9074 voltage regulator has been optimized for use in
microprocessor based automotive systems. Several unique
design features have been incorporated to address many
FMEA (Failure Mode Effects Analysis) concerns for fail-safe
system performance.
FAULT TOLERANT FEATURES
While not specifically guaranteed due to production testing
limitations, the LM9074 has been tested and shown to con-
tinue to provide a regulated output and, not generate an er-
roneous system reset signal while subjected to high levels of
RF electric field energy (up to 300 V/m signal strength over
a 2 MHz to 400 MHz frequency range). This is very important
in vehicle safety related applications where the system must
continue to operate normally. To maintain this immunity to
RFI the output bypass capacitor is important (47 µF is rec-
ommended).
This regulator is suitable for applications where continuous
connection to the battery is required (
Refer to the Typical Ap-
plication Circuit ). ON/OFF control of the regulator and sys-
tem can be accomplished by switching the ON/OFF input to
the battery or ignition supply V
IN supply through a SPST
switch. If this input becomes open circuited, an internal
pull-down resistor ensures that the regulator turns OFF.
When the regulator is switched OFF the current load on the
DS101305-22
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com