Electronic Components Datasheet Search
  English  ▼

X  

ACZRC5366B-G Datasheet(PDF) 3 Page - Comchip Technology

Part # ACZRC5366B-G
Description  SMD Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACZRC5366B-G Datasheet(HTML) 3 Page - Comchip Technology

  ACZRC5366B-G Datasheet HTML 1Page - Comchip Technology ACZRC5366B-G Datasheet HTML 2Page - Comchip Technology ACZRC5366B-G Datasheet HTML 3Page - Comchip Technology ACZRC5366B-G Datasheet HTML 4Page - Comchip Technology ACZRC5366B-G Datasheet HTML 5Page - Comchip Technology ACZRC5366B-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMD Zener Diode
Page 3
Electrical Characteristics (Ta = 25°C)
AQW-BZ003
REV: A
Notes:
(1) The type number listed have a standard tolerance on th nominal zener voltage of ± 5%.
(2) The reverse surge current is a non-repetitive,8.3ms pulse width square wave or equivalent sine-wave
superimposed on IZT per JEDEC Method.
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Marking
Code
Part Number
VZ @ IZT
(Ohm)
ZZT @ IZT
IR @ VR
Maximum
Maximum Reverse
Leakage Current
IZT
(V)
(mA)
Zener Voltage
Nominal
(Ohm)
ZZK @ IZK
IZK
(mA)
Zener Impedance
(uA)
(V)
Maximum
DC Zener
Current
IZM
(mA)
ACZRC5371B-G
60.0
20
40.0
350
1
0.5
45.5
79.0
371B
ACZRC5372B-G
62.0
20
42.0
400
1
0.5
47.1
76.0
372B
ACZRC5373B-G
68.0
20
44.0
500
1
0.5
51.7
70.0
373B
ACZRC5374B-G
75.0
20
45.0
620
1
0.5
56.0
63.0
374B
ACZRC5375B-G
82.0
15
65.0
720
1
0.5
62.2
58.0
375B
ACZRC5376B-G
87.0
15
75.0
760
1
0.5
66.0
54.5
376B
ACZRC5377B-G
91.0
15
75.0
760
1
0.5
69.2
52.5
377B
ACZRC5378B-G
100.0
12
90.0
800
1
0.5
76.0
47.5
378B
ACZRC5379B-G
110.0
12
125.0
1000
1
0.5
83.6
43.0
379B
ACZRC5380B-G
120.0
10
170.0
1150
1
0.5
91.2
39.5
380B
ACZRC5381B-G
130.0
10
190.0
1250
1
0.5
98.8
36.6
381B
ACZRC5382B-G
140.0
8
230.0
1500
1
0.5
106.0
34.0
382B
ACZRC5383B-G
150.0
8
330.0
1500
1
0.5
114.0
31.6
383B
ACZRC5384B-G
160.0
8
335.0
1650
1
0.5
122.0
29.4
384B
ACZRC5385B-G
170.0
8
380.0
1750
1
0.5
129.0
28.0
385B
ACZRC5386B-G
180.0
5
430.0
1750
1
0.5
137.0
26.4
386B
ACZRC5387B-G
190.0
5
450.0
1850
1
0.5
144.0
25.0
387B
ACZRC5388B-G
200.0
5
480.0
1850
1
0.5
152.0
23.6
388B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com