Electronic Components Datasheet Search
  English  ▼

X  

CAP200 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # CAP200
Description  KILOVAC High Voltage DC Contactors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CAP200 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  CAP200 Datasheet HTML 1Page - TE Connectivity Ltd CAP200 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7–16
KILOVAC High Voltage DC Contactors
For factory-direct application assistance,
dial 800-253-4560, ext. 2055, or
805-220-2055.
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
KILOVAC CAP200 Series Contactor with 1 Form A (SPST-NO)
Contacts Rated up to 500 Amps, 12-900 Vdc
Performance Data
Contact Arrangement, Power
Contacts — 1 Form A (SPST-NO)
Rated Operating Voltage —
12 - 900 VDC
Continuous (Carry) Current,
Typical — 500 A @ 85°C, 400 mcm
conductors
Consult Factory for required conductors
for higher currents
Make/Break Current at Various
Voltages 1 — See graph next page
Break Current at 320VDC 1 —
2,000 A, 1 cycle 3
Contact Resistance, Typ.
(@200A) — 0.2 mohms
Load Life — See graph next page
Mechanical Life — 1 million cycles
Contact Arrangement, Auxiliary
Contacts — 1 Form A (SPST-NO)
Aux. Contact Current, Max. —
2A @ 30VDC / 3A @ 125VAC
Aux. Contact Current, Min. —
100mA @ 8V
Aux. Contact Resistance, Max. —
0.417 ohms @ 30VDC /
.150 ohms @ 125VAC
Dielectric Withstanding Voltage —
2,200 Vrms @ sea level
Insulation Resistance @ 500VDC —
100 megohms 2
Shock, 11ms 1/2 Sine, Peak,
Operating — 20 G
Vibration, Sine, 80-2000Hz.,
Peak — 20 G
Operating Temperature —
-40°C to +85°C
Weight, Nominal — .95 lb. (.43 kg)
Notes:
1
Main power contacts
2
50 at end of life
3
Does not meet dielectric & IR after
test, 1700 amp for unit with Aux.
Contacts
Coil Operating Voltage (Valid Over Temperature Range)
Voltage (Will Operate)
9-36VDC
32-95VDC
48-95VDC
Voltage (Max.)
36VDC
95VDC
95VDC
Pickup (Close) Voltage Max.
9VDC
32VDC
48VDC
Hold Voltage (Min.)
7.5VDC
22VDC
34VDC
Dropout (Open) Voltage (Min.)
6VDC
18VDC
27VDC
Inrush Current (Max.)
3.8A
1.3A
0.7A
Holding Current (Avg.)
0.13A@12V,
0.07A@24V
0.03A@48V
0.02A@72V
Inrush Time (Max.)
130ms
130ms
130ms
Product Facts
n Designed to be the
smallest, lightest weight,
lowest cost sealed contactor
in the industry with its
current rating
n Built-in coil economizer —
only 1.7W hold power @
12VDC and it limits back
EMF to 0V. (models
requiring external
economizer also available)
n Optional auxiliary contact
for easy monitoring of
power contact position
n Hermetically sealed —
intrinsically safe, operates
in explosive/harsh
environments with no
oxidation or contamination
of coil or contacts, including
long periods of non-
operation
n Versatile coil and power
connections
n RoHS versions available
Ordering Information
Typical Part Number
CAP200 AAANA
Series:
CAP200 = 500 Amp, 12-900VDC Contactor
Contact Form:
A = Normally Open
H = Normally Open with Aux. Contacts
Coil Voltage:
A = 9-36VDC (1 = requires external coil economizer)
D = 32-95VDC (2 = requires external coil economizer)
J = 48-95VDC (3 = requires external coil economizer)
R = 28 Vdc with mechanical economizer
Coil Wire Length:
A = 15.3 in (390 mm)
D = Coil connector on relay (requires option
“E” or “X” in next step)
Coil Terminal Connector:
N = None
E = 9-pin subminiature “D” plug mounted on
contactor housing
F = 9-pin subminiature “D” plug mounted on 15.3 in
(390 mm) flying leads.
X = Special configuration (consult factory)
Mounting & Power Terminals:
A = Bottom Mount & Male 10mm x 8 Terminals


Similar Part No. - CAP200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CAP200 MACOM-CAP200 Datasheet
109Kb / 2P
CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC
CAP200AAAEA MACOM-CAP200AAAEA Datasheet
109Kb / 2P
CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC
CAP200AAAEC MACOM-CAP200AAAEC Datasheet
109Kb / 2P
CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC
CAP200AAAFA MACOM-CAP200AAAFA Datasheet
109Kb / 2P
CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC
CAP200AAAFC MACOM-CAP200AAAFC Datasheet
109Kb / 2P
CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC
More results

Similar Description - CAP200

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MAP200 TEC-MAP200 Datasheet
249Kb / 2P
KILOVAC High Voltage DC Contactors
EV200B TEC-EV200B Datasheet
239Kb / 2P
KILOVAC High Voltage DC Contactors
K40P TEC-K40P Datasheet
203Kb / 1P
KILOVAC High Voltage Relays
K43 TEC-K43 Datasheet
295Kb / 2P
KILOVAC High Voltage Relays
K64 TEC-K64 Datasheet
211Kb / 1P
KILOVAC High Voltage Relays
K70 TEC-K70 Datasheet
157Kb / 1P
KILOVAC High Voltage Relays
K81A TEC-K81A Datasheet
389Kb / 2P
KILOVAC High Voltage Relays
CAP202 TEC-CAP202 Datasheet
367Kb / 2P
KILOVAC High Voltage DC Contactors
AP150X TEC-AP150X Datasheet
404Kb / 1P
KILOVAC 270 Vdc Traditional Aerospace Contactors
2373271-1 TEC-2373271-1 Datasheet
144Kb / 4P
KILOVAC K250 HIGH VOLTAGE DC CONTACTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com