Electronic Components Datasheet Search
  English  ▼

X  

KPC355NT Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KPC355NT
Description  High Reliability Photo Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC355NT Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KPC355NT Datasheet HTML 1Page - COSMO  Electronics Corporation KPC355NT Datasheet HTML 2Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
c 2004
cosmo ELECTRONICS CORPORATION
http://www.cosmo-ic.com
70
1. Anode
2. Cathode
3. Emitter
4. Collector
Features
1. High current transfer ratio
(CTR:MIN.600% at IF=1mA, Vce=2V)
2. High isolation voltage between input and output
(Viso:3750Vrms).
3. Mini-flat package.
Applications
1. System appliances, measuring instruments.
2. Industrial robots.
3. Copiers, automatic vending machines, facsimiles
4. Signal transmission between circuits of different potentials and
impedances.
5. Telephone sets.
6. Copiers, tacsimiles.
7. Interface with various power supply circuits, power distribution boards.
8. Numerical control machines.
Absolute Maximum Ratings
(Ta=25
°C)
Electro-optical Characteristics
(Ta=25
°C)
UL 1577 (File No.E169586)
TOLERANCE :+ 0.2mm
Schematic : Top View
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Peak forward current
IFM
1
Reverse voltage
VR
6
Power dissipation
PD
70
mW
Output
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
5
Collector current
IC
150
mA
Collector power dissipation
PC
150
mW
Total power dissipation
Ptot
170
mW
Isolation voltage 1 minute
Viso
3750
Vrms
Operating temperature
Topr
-30 to +100
°C
Storage temperature
Tstg
-40 to +125
°C
Soldering temperature 10 second
Tsol
260
°C
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
VF
IF =20mA
—
1.2
1.4
V
Peak forward voltage
VFM
IFM =0.5A
—
—
3.5
V
Reverse current
IR
VR =4V
—
—
10
uA
Terminal capacitance
Ct
V=0, f=1kHz
—
30
—
pF
Output
Collector dark current
ICEO
VCE =10V, IF=0
—
—
1.0
uA
Transfer
Current transfer ratio
CTR
IF =1mA,VCE=2V
600
1600
7500
%
charac-
Collector-emitter saturation voltage
VCE (sat)
IF =20mA, IC=1mA
—
—
1.0
V
teristics
Isolation resistance
Riso
DC500V
5x10
10
——
ohm
Floating capacitance
Cf
V=0, f=1MHZ
—
0.6
1.0
pF
Cut-off frequency
fc
Vcc =5v, Ic=2mA, RL=100ohm
—
7
—
KHZ
Respone time (Rise)
tr
VCE =2V, IC=2mA,RL =100ohm
—60
300
us
Respone time (Fall)
tf
—
53
250
us
Outside Dimension : Unit (mm)
KPC355NT
High Reliability Photo Coupler
V
V
V


Similar Part No. - KPC355NT

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC355NTETLD COSMO-KPC355NTETLD Datasheet
215Kb / 10P
4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
KPC355NTETRU COSMO-KPC355NTETRU Datasheet
215Kb / 10P
4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
KPC355NT COSMO-KPC355NT_12 Datasheet
116Kb / 6P
High Reliability Photocoupler
KPC355NT COSMO-KPC355NT_15 Datasheet
215Kb / 10P
4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
More results

Similar Description - KPC355NT

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP1020 COSMO-KP1020 Datasheet
327Kb / 2P
High Reliability Photo Coupler
KP1040 COSMO-KP1040 Datasheet
330Kb / 2P
High Reliability Photo Coupler
KP6010 COSMO-KP6010 Datasheet
328Kb / 2P
High Reliability Photo Coupler
K1010 COSMO-K1010 Datasheet
263Kb / 2P
High Reliability Photo Coupler
KP4010 COSMO-KP4010 Datasheet
249Kb / 2P
High Reliability Photo Coupler
KP5010 COSMO-KP5010 Datasheet
253Kb / 2P
High Reliability Photo Coupler
K2010 COSMO-K2010 Datasheet
409Kb / 2P
High Reliability Photo Coupler
KPC4N33 COSMO-KPC4N33 Datasheet
403Kb / 2P
High Reliability Photo Coupler
logo
TAITRON Components Inco...
KP5010 TAITRON-KP5010 Datasheet
189Kb / 6P
High Reliability Photo Coupler
KPC4N33 TAITRON-KPC4N33 Datasheet
172Kb / 6P
High Reliability Photo Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com