Electronic Components Datasheet Search
  English  ▼

X  

200 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # 200
Description  Resistant to tears and punctures
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

200 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  200 Datasheet HTML 1Page - Laird Tech Smart Technology 200 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TgardTM 200 Series
Thermally Conductive Insulators
THR-DS-Tgard-200 0313
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird Technologies materials rests with the end user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to
the fitness, merchantability or suitability of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential
damages of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon
request. © Copyright 2010 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trade marks or registered trade marks of Laird
Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license under any Laird Technologies or any third
party intellectual property rights. A13514-00 Rev I
TGARDTM 210
TGARDTM 220
TGARDTM 230
TEST
METHOD
Construction &
Composition
Reinforced boron nitride
filled silcone elastomer
Reinforced boron nitride
filled silcone elastomer
Reinforced boron nitride
filled silcone elastomer
Color
White
Blue
Green
Visual
Thickness
0.010” (0.25mm)
0.020” (0.51mm)
0.030” (0.76mm)
Thickness tolerance
±0.002” (±0.05mm)
±0.002” (±0.05mm)
±0.003” (±0.075mm)
Specific Gravity (Density)
1.52 g/cc
1.45 g/cc
1.47 g/cc
Helium
Pycnometer
Hardness
85 Shore A
80 Shore A
80 Shore A
ASTM D2240
Tensile Strength
N/A
N/A
N/A
ASTM D412
% Elongation
N/A
N/A
N/A
ASTM D412
Outgassing TML (Post Cured)
0.06%
0.06%
0.06%
ASTM E595
Outgassing CVCM (Post Cured )
0.05%
0.05%
0.05%
ASTM E595
UL Flammability Rating
94 V0
94 V1
Not Rated
E180840
Temperature Range
-60°C to 200°C
-60ºC to 200ºC
-60ºC to 200ºC
Thermal Conductivity
5 W/mK
5 W/mK
5 W/mK
ASTM D5470
(modified)
Thermal Impedance
@ 100 psi
@ 689 KPa
0.18°C-in²/W
1.17°C-cm²/W
0.35°C-in²/W
2.26°C-cm²/W
0.40°C-in²/W
2.28°C-cm²/W
ASTM D5470
(modified)
Breakdown Voltage
6,000 VAC
10,000 VAC
20,000 VAC
ASTM D149
Volume Resistivity
5x1013 ohm-cm
5x1013 ohm-cm
5x1013 ohm-cm
ASTM D257
Dielectric Constant @ 1 MHz
3.32
3.32
3.32
ASTM D150
Standard thicknesses:
0.010” (0.25 mm) die cut shapes only, 0.020” (0.51 mm), 0.030” (0.76 mm)
Standard sheet sizes:
0.020” and 0.030”: 16” x 16” (406 mm x 406 mm) Individual die-cut shapes can be supplied.
Pressure sensitive adhesive:
Request no adhesive with “AO” suffix. Request adhesive on one side with “A1” suffix.
Double-sided adhesive is not available.
Reinforcement:
TgardTM 200 sheets are fiberglass reinforced.
Data for design engineer guidance only. Observed performance varies in application. Engineers are reminded to test the material in application.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com