Electronic Components Datasheet Search
  English  ▼

X  

780 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # 780
Description  Heat sink preheating not required
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

780 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  780 Datasheet HTML 1Page - Laird Tech Smart Technology 780 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tpcm™ 780 is a high performance, inherently tacky, easy to rework phase change thermal
interface material. Developed specifically to meet the high thermal conductivity and low
thermal resistance requirements of today’s demanding processors.
This silicone-free material is so soft that it begins to flow as the temperature is elevated by
just a small amount. Also, since no tabs are required, Tpcm™ 780 eliminates the need for
expensive converting.
• Minimizes contact thermal resistance
by filling the microscopic irregularities
of the components it contacts.
Begins to soften and flow at
approximately 45ºC
• Designed to minimize migration (pump
out) at CPU operating temperatures
using a unique material formulation
that softens, but does not fully
change phase
• Silicone-free for applications that are
silicone sensitive
• Outstanding thermal performance helps
to ensure CPU/application reliability
• No mess due to thixotropic
characteristics which prevent flow
outside of interface
• Very soft at room temperature,
therefore less stress on board
during assembly
• Tabless parts make for easier handling
in the manufacturing environment
• RoHS Compliant
• 94V0 UL Flammability Rating
• Naturally tacky at room temperature,
requiring no adhesive
• Heat sink preheating not required
• Exceptionally high reliability during
storage and after installation
FEATURES AND BENEFITS
TpcmTM 780
Phase Change Material
APPLICATIONS
• Graphics Cards
• Notebooks
• Desktops
• Servers
• Memory Modules
• Automotive
• IGBTs
TABLESS PARTS
TABBED PARTS
Easy handling in manufacturing
environment/rapid handling
Marked tab reduces risk of top tab being left
in place during assembly
Eliminating risk of top tab being left in place
during assembly
Tab provides protection from dust and other
contamination during application of pads and
shipping of applied pads
Minimum part size is 8mm x 8mm (smaller size
may be available via engineering approval)
Minimum part size is 10mm x 10mm (smaller size may
be available via engineering approval)
Thicknesses are 0.016 inch (0.406mm) and
0.025 inch (0.635mm)
Thicknesses are 0.008 inch (0.203mm) and 0.010 inch
(0.254mm)
Americas: +1.800.323.3757
LHP.Sales@lairdtech.com
Europe: +46.8.555.722.00
LHP.Sales@lairdtech.com
Asia: +86.10.5933.3682
LHP-ChinaSales@lairdtech.com
www.lairdtech.com


Similar Part No. - 780

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
780 ETC2-780 Datasheet
214Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
logo
Glenair, Inc.
780-001 GLENAIR-780-001 Datasheet
614Kb / 3P
Bean Rubber Covers
logo
LM Technologies Ltd
780-0221 LMTECHNOLOGIES-780-0221 Datasheet
5Mb / 9P
LM780 Bluetooth® v2.0, v2.1 Data Module with IC Antenna
24/JAN/2017
780-0222 LMTECHNOLOGIES-780-0222 Datasheet
5Mb / 9P
LM780 Bluetooth® v2.0, v2.1 Data Module with IC Antenna
24/JAN/2017
780-0224 LMTECHNOLOGIES-780-0224 Datasheet
5Mb / 9P
LM780 Bluetooth® v2.0, v2.1 Data Module with IC Antenna
24/JAN/2017
More results

Similar Description - 780

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2650AT43A0100 JOHANSON-2650AT43A0100 Datasheet
188Kb / 4P
2.6~2.7GHz Chip Antenna (Ground Clearance Not Required)
logo
International Rectifier
IR3473M IRF-IR3473M_15 Datasheet
909Kb / 22P
Compensation Loop not Required
IR3475M IRF-IR3475M_15 Datasheet
922Kb / 22P
Compensation Loop not Required
IR3476M IRF-IR3476M_15 Datasheet
884Kb / 21P
Compensation Loop not Required
logo
Laird Tech Smart Techno...
900 LSTD-900 Datasheet
689Kb / 1P
No heatsink preheating required
logo
CUI INC
V78XX-1500 CUI-V78XX-1500 Datasheet
670Kb / 6P
no heat sink required
logo
PHOENIX CONTACT
1818986 PHOENIX-1818986 Datasheet
85Kb / 3P
Time saving push-in connection, tools not required
1703594 PHOENIX-1703594 Datasheet
107Kb / 5P
Time saving push-in connection, tools not required
1873443 PHOENIX-1873443 Datasheet
110Kb / 4P
Time saving push-in connection, tools not required
2781466 PHOENIX-2781466 Datasheet
50Kb / 3P
Cover cap, for closing LED cutouts which are not required.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com