Electronic Components Datasheet Search
  English  ▼

X  

SIDAC Datasheet(PDF) 3 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SIDAC
Description  Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SIDAC Datasheet(HTML) 3 Page - Jinan Jing Heng Electronics Co., Ltd.

  SIDAC Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SIDAC Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. SIDAC Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. SIDAC Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. SIDAC Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Electrical Specifications
IT
RS
RS=
VBO
VT
VS
VDRM
IH
IS
IBO
IDRM
-I
+I
+V
(BO-
S)
(S-BO)
VV
II
V-I Characteristics
FIG.1 Normalized DC Holding Current vs case/Lead
Temperature
Case Temperature(T )
C
C
Surge Current Duration- Full Cycles
FIG.2 Peak surge current vs surge current duration
1.0
1.0
2.0
4.0
6.0
8.0
10
20
30
40
100
10
100
1000
SUPPLY FREQUENCY: 60Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT: IT RMS Maximum
Rated value at Special junction
temperature
BLOCKING CAPABILITY MAY BE LOST DURING
AND IMMEDIATELY FOLLOWING SURGE
CURRENT IMTERVAL
OVERLOAD MAY NOT BE REPEATED UNTIL JUNCTION
TEMPERATURE HAS RETURNED TO STEADY-STATE RATED
VALUE
R
SEMICONDUCT OR
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
5-3
-V
FIG.3 Normalized Repetitive Peak Breakover
Current vs Junction Temperature
Junction Temperature (T )- C
J
V=VBO
1
20
30
50
70
90
110
40
60
80
100
120
2
5
4
3
6
7
8
9
Junction Temperature(T ) C
J
FIG.5 Normalized C
Changes vs Case
Temperature
BO
0
+4
-4
-6
-8
-12
-40
+40
+60
+80
+100
+120
-20
+25
+20
0
-10
+2
-2
FIG.4 Repetitive Peak On-State Current (I
) vs
Pulse Width at Various Frequencies
TRM
Non-Repeated
f=10Hz
f=1kHz
f=5kHz
f=10kHz
f=20kHz
f=100Hz
Repetition
Frequency
f=5Hz
to
vt
ITRM
di/dt Limit Line
Pulse base width (to)-mSec.
T =110 C Max
J
VBO Firing
Current
wavetorm
4
0.6
0.8
1
2
4
40
6
60
200
400
600
8
80
10
20
100
44
66
6
88
8 1
22
2X10-3
1X10-2
1X10-1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com