Electronic Components Datasheet Search
  English  ▼

X  

CP06 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # CP06
Description  Precise Temperature Control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CP06 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  CP06 Datasheet HTML 1Page - Laird Tech Smart Technology CP06 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CP Series CP2,15,06,L1,W4.5
Thermoelectric Modules
Americas: +1 888.246.9050
Europe: +46.31.420530
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
FEATURES
• Precise Temperature Control
• Compact Geometric Sizes
• Reliable Solid State Operation
• No Sound or Vibration
• Environmentally Friendly
• DC Operation
• RoHS Compliant
APPLICATIONS
• Medical Lasers
• Lab Science Instrumentation
• Clinical Diagnostic Systems
• Photonics Laser Systems
• Electronic Enclosure Cooling
• Food & Beverage Cooling
• Chillers (Liquid Cooling)
The Ceramic Plate (CP) Series of Thermoelectric Modules (TEMs) is considered
‘the standard’ in the thermoelectric industry.
This broad product line of high-performance and highly reliable TEMs is available
in numerous heat pumping capacities, geometric shapes, and input power ranges.
Assembled with Bismuth Telluride semiconductor material and thermally conductive
Aluminum Oxide ceramics, the CP Series is designed for higher current and large
heat-pumping applications.
PERFORMANCE SPECIFICATIONS
Hot Side Temperature (°C)
25
50
Qmax (Watts)
14.4
15.8
Delta Tmax (°C)
67
75
Imax (Amps)
14.0
14.0
Vmax (Volts)
1.7
1.9
Module Resistance (Ohms)
0.11
0.13
SUFFIX THICKNESS
(PRIOR TO TINNING)
FLATNESS &
PARALLELISM
HOT
FACE
COLD
FACE
LEAD
LENGTH
L1
0.180” ± 0.001”
0.001” / 0.001”
Lapped
Lapped
4.5”
L2
0.180” ± 0.0005”
0.0005” / 0.0005” Lapped
Lapped
4.5”
ML
0.186 ± 0.010”
0.002” / 0.002”
Metallized
Lapped
4.5”
LM
0.186 ± 0.010”
0.002” / 0.002”
Lapped
Metallized
4.5”
SUFFIX SEALANT COLOR TEMP RANGE DESCRIPTION
RT
RTV
White
-60 to 204 °C
Non-corrosive, silicone adhesive sealant
EP
Epoxy
Black
-55 to 150 °C
Low density syntactic foam epoxy encapsulant
SEALING OPTION


Similar Part No. - CP06

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CP06 LSTD-CP06 Datasheet
582Kb / 2P
No Sound or Vibration
logo
Same Sky Devices
CP060-2327 SAMESKY-CP060-2327 Datasheet
1Mb / 4P
PELTIER MODULE
10/24/2024
CP060-357641 SAMESKY-CP060-357641 Datasheet
1Mb / 4P
PELTIER MODULE
10/24/2024
CP060-50425 SAMESKY-CP060-50425 Datasheet
1Mb / 4P
PELTIER MODULE
10/24/2024
logo
AVX Corporation
CP0603 AVX-CP0603 Datasheet
264Kb / 7P
Thin-Film Directional Couplers
More results

Similar Description - CP06

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
AA-034-12-22 LSTD-AA-034-12-22 Datasheet
976Kb / 2P
Precise temperature control
DA-039-12-02 LSTD-DA-039-12-02 Datasheet
908Kb / 2P
Precise temperature control
DA-075-12-02 LSTD-DA-075-12-02 Datasheet
754Kb / 2P
Precise temperature control
HT2 LSTD-HT2 Datasheet
580Kb / 2P
Precise Temperature Control
HT6 LSTD-HT6 Datasheet
353Kb / 2P
Precise Temperature Control
MS5 LSTD-MS5 Datasheet
536Kb / 2P
Precise temperature control
PC4 LSTD-PC4 Datasheet
584Kb / 2P
Precise temperature control
DA-115-24-02 LSTD-DA-115-24-02 Datasheet
870Kb / 2P
Precise temperature control
LA-045-12-02-00-00 LSTD-LA-045-12-02-00-00 Datasheet
307Kb / 3P
Precise temperature control
LA-115-24-02-00-00 LSTD-LA-115-24-02-00-00 Datasheet
300Kb / 3P
Precise temperature control
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com