Electronic Components Datasheet Search
  English  ▼

X  

CP06 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # CP06
Description  No Sound or Vibration
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CP06 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  CP06 Datasheet HTML 1Page - Laird Tech Smart Technology CP06 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Innovative Technology
for a Connected World
Ceramic Plate Series CP14,51,06
Thermoelectric Modules
Americas: +1 888.246.9050
Europe: +46.31.704.67.57
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
FEATURES
• PreciseTemperatureControl
• CompactGeometricSizes
• ReliableSolidStateOperation
• NoSoundorVibration
• EnvironmentallyFriendly
• DCOperation
• RoHSCompliant
APPLICATIONS
• MedicalLasers
• LabScienceInstrumentation
• ClinicalDiagnosticSystems
• PhotonicsLaserSystems
• ElectronicEnclosureCooling
• Food&BeverageCooling
• Chillers(LiquidCooling)
TheCeramicPlate(CP)SeriesofThermoelectricModules(TEMs)isconsidered
‘thestandard’inthethermoelectricindustry.
Thisbroadproductlineofhigh-performanceandhighlyreliableTEMsisavailable
innumerousheatpumpingcapacities,geometricshapes,andinputpowerranges.
AssembledwithBismuthTelluridesemiconductormaterialandthermallyconductive
AluminumOxideceramics,theCPSeriesisdesignedforhighercurrentandlarge
heat-pumpingapplications.
PERFORMANCE SPECIFICATIONS
Hot Side Temperature (°C)
25
50
Qmax (Watts)
20.6
22.6
Delta Tmax (°C)
67
75
Imax (Amps)
6.0
6.0
Vmax (Volts)
5.8
6.6
Module Resistance (Ohms)
0.90
1.02
SUFFIX THICKNESS
(PRIOR TO TINNING)
FLATNESS &
PARALLELISM
HOT
FACE
COLD
FACE
Lead
Length
L1
0.150” ± 0.001”
0.001” / 0.001”
Lapped
Lapped
4.5”
L2
0.150” ± 0.0005”
0.0005” / 0.0005” Lapped
Lapped
4.5”
SUFFIX SEALANT COLOR TEMP RANGE DESCRIPTION
RT
RTV
White
-60 to 204 °C
Non-corrosive, silicone adhesive sealant
EP
Epoxy
Black
-55 to 150 °C
Low density syntactic foam epoxy encapsulant
SEALING OPTION


Similar Part No. - CP06

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CP06 LSTD-CP06 Datasheet
444Kb / 2P
Precise Temperature Control
logo
Same Sky Devices
CP060-2327 SAMESKY-CP060-2327 Datasheet
1Mb / 4P
PELTIER MODULE
10/24/2024
CP060-357641 SAMESKY-CP060-357641 Datasheet
1Mb / 4P
PELTIER MODULE
10/24/2024
CP060-50425 SAMESKY-CP060-50425 Datasheet
1Mb / 4P
PELTIER MODULE
10/24/2024
logo
AVX Corporation
CP0603 AVX-CP0603 Datasheet
264Kb / 7P
Thin-Film Directional Couplers
More results

Similar Description - CP06

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI9233 NI-NI9233 Datasheet
544Kb / 6P
Sound and Vibration Data Acquisition
NIUSB-4431 NI-NIUSB-4431 Datasheet
185Kb / 5P
Sound and Vibration Data Acquisition
logo
Laird Tech Smart Techno...
UT15 LSTD-UT15 Datasheet
380Kb / 2P
No sound or vibration
ZT4 LSTD-ZT4 Datasheet
537Kb / 2P
No sound or vibration
ZT8 LSTD-ZT8 Datasheet
537Kb / 2P
No sound or vibration
CP10-63-05 LSTD-CP10-63-05 Datasheet
246Kb / 3P
No sound or vibration
logo
Pepperl+Fuchs Inc.
VIM62PL-E0G10-0ME-I420K24 PF-VIM62PL-E0G10-0ME-I420K24 Datasheet
882Kb / 3P
Vibration sensor
2022-12-01
VIM62PP-E1V16-0NE-I420KA4 PF-VIM62PP-E1V16-0NE-I420KA4 Datasheet
904Kb / 3P
Vibration sensor
2022-12-01
VIM82PU-S1V16-2AE-I422C28 PF-VIM82PU-S1V16-2AE-I422C28 Datasheet
973Kb / 4P
Vibration sensor
2022-12-01
logo
PCE Instruments.
PCE-VT3800 PCE-PCE-VT3800 Datasheet
177Kb / 2P
Vibration Analyzer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com