Electronic Components Datasheet Search
  English  ▼

X  

LA2284 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LA2284
Description  5-DOT DUAL LED LEVEL METER DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LA2284 Datasheet(HTML) 2 Page - Unisonic Technologies

  LA2284 Datasheet HTML 1Page - Unisonic Technologies LA2284 Datasheet HTML 2Page - Unisonic Technologies LA2284 Datasheet HTML 3Page - Unisonic Technologies LA2284 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTCLA2284
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R113-002,A
ELECTRICAL CHARACTERISTICS(Ta=25°C,Vcc=6V,f=1kHz,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply Voltage
Vcc
3.5
6.0
16.0
V
Supply Current
Icc
VIN=0
5
8
mA
Sensitivity
Vin
In Vc3 Level
46
56
66
mV
Comparator ON Level 1
Vc1
-11.5
-10.0
-8.5
dB
Comparator ON Level 2
Vc2
-6
-5
-4
dB
Comparator ON Level 3
Vc3
0
dB
Comparator ON Level 4
Vc4
2.5
3.0
3.5
dB
Comparator ON Level 5
Vc5
5
6
7
dB
LED Output current
ILED
11.0
15.0
18.5
mA
Amp Gain
Gv
Vi=0.1V
24
26
28
dB
Input Bias Current
IINO
-1.0
-0.3
µA
TEST CIRCUIT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com