Electronic Components Datasheet Search
  English  ▼

X  

DASUTLC500NF Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # DASUTLC500NF
Description  DAS, Ultra Thin, Low Clearance Antenna
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

DASUTLC500NF Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  DASUTLC500NF Datasheet HTML 1Page - Pulse A Technitrol Company DASUTLC500NF Datasheet HTML 2Page - Pulse A Technitrol Company DASUTLC500NF Datasheet HTML 3Page - Pulse A Technitrol Company DASUTLC500NF Datasheet HTML 4Page - Pulse A Technitrol Company DASUTLC500NF Datasheet HTML 5Page - Pulse A Technitrol Company DASUTLC500NF Datasheet HTML 6Page - Pulse A Technitrol Company DASUTLC500NF Datasheet HTML 7Page - Pulse A Technitrol Company DASUTLC500NF Datasheet HTML 8Page - Pulse A Technitrol Company DASUTLC500NF Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Issue: 1649
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: DAS, Ultra Thin, Low Clearance
Antenna
PART NUMBER: DASUTLC500NF
Series: Clarity
ELECTRICAL SPECIFICATIONS
3
Frequency
608-960/1695-2200/2300-2700MHz
Nominal Impedance
50
VSWR (608-960MHz)
2:1
VSWR (1695-2700MHz)
2:1
Average Peak Gain (608-960MHz)
4dBi
Average Peak Gain (1695-2200MHz)
6dBi
Average Peak Gain (2300-2700MHz)
6dBi
Efficiency (608-960MHz)
70%
Efficiency (1695-2200MHz)
65%
Efficiency (2300-2700MHz)
60%
Horizontal plane(th=45deg)
Omni
HPBW Vertical plane (608-960MHz)
80̊ Typ
HPBW Vertical plane (1695-2200MHz)
60̊ Typ
HPBW Vertical plane (2300-2700MHz)
60̊ Typ
Maximum power input
40W
PIM at 2x20W
<-155dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com